Electronic Components Datasheet Search
  English  ▼

X  

2N3906U Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N3906U
Description  General Purpose Transistors PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3906U Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N3906U Datasheet HTML 1Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 2Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 3Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 4Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 5Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2014. 12. 18
4/6
2N3906U
Revision No : 0
Electrical Characteristics Curves
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
1.0E-03
1.0E-02
1.0E-01
1.0E+00
IC, Collecotr Current (A)
-55℃
25℃
150℃
IC/IB=10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0E-04 1.0E-03 1.0E-02 1.0E-01 1.0E+00
IC, Collector Current (A)
-55℃
25℃
150℃
IC/IB=10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0E-04 1.0E-03 1.0E-02 1.0E-01 1.0E+00
IC, Collector Current (A)
-55℃
25℃
150℃
Figure 5. Collector Emitter Saturation Voltage vs.
Collector Current
Figure 6. Base Emitter Saturation Voltage vs.
Collector Current
Figure 7. Base Emitter Voltage vs. Collector Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com