Electronic Components Datasheet Search
  English  ▼

X  

2N3906U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2N3906U
Description  General Purpose Transistors PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3906U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2N3906U Datasheet HTML 1Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 2Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 3Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 4Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 5Page - First Silicon Co., Ltd 2N3906U Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2014. 12. 18
2/6
2N3906U
Revision No : 0
●ELECTRICAL CHARACTERISTICS (Ta= 25℃)(Continued)
ON CHARACTERISTICS (Note 1.)
Symbol
Min.
Typ.
Max.
Unit
hFE
(I C = –0.1 mAdc, VCE = –1.0 Vdc)
60
–
–
(I C = –1.0 mAdc, VCE = –1.0 Vdc)
80
–
–
(I C = –10 mAdc, VCE = –1.0 Vdc)
100
–
300
(I C = –50 mAdc, VCE =– 1.0 Vdc)
60
–
–
(I C = –100 mAdc, VCE =– 1.0 Vdc)
30
–
–
V
(I C = –10 mAdc, IB = –1.0 mAdc)
–
–
–0.25
(I C = –50mAdc, IB =– 5.0 mAdc)
–
–
–0.4
V
(I C = –10 mAdc, IB = –1.0 mAdc)
–0.65
–
–0.85
(I C = –50mAdc, IB =– 5.0 mAdc)
–
–
–0.95
SMALL–SIGNAL CHARACTERISTICS
fT
MHz
(I C = –10mAdc, VCE= –20Vdc, f = 100MHz)
250
–
–
Cobo
pF
(V CB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
–
–
4.5
Cibo
pF
(V EB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
–
–
10
Input Impedance
hie
k
(V CE=– 10 Vdc, IC = –1.0 mAdc,f = 1.0 kHz)
2
–
12
Voltage Feedback Ratio
hre
X 10
–4
(V CE= –10 Vdc, IC = –1.0 mAdc,f = 1.0 kHz)
0.1
–
10
Small–Signal Current Gain
hfe
(V CE=–10 Vdc, IC = – 1.0 mAdc,f = 1.0 kHz)
100
–
400
Output Admittance
hoe
μmhos
(V CE=–10 Vdc, IC =–1.0 mAdc, f = 1.0 kHz)
3
–
60
Noise Figure
NF
dB
(VCE=–5V, IC=–100μA, RS=1.0k
,f =1.0kHz)
–
–
4
SWITCHING CHARACTERISTICS
Delay Time
td
–
–
35
Rise Time
tr
–
–
35
Storage Time
ts
–
–
225
Fall Time
tf
–
–
75
3.Pulse Test: Pulse Width ≤300 μs; Duty Cycle≤2.0%.
ns
(V CC =– 3.0 Vdc, IC = –
10 mAdc,I B1 = I B2 = –1.0
mAdc)
Characteristic
Current–Gain — Bandwidth Product
Output Capacitance
Input Capacitance
(V CC = –3.0 Vdc, VBE=
0.5 Vdc,I C = –10 mAdc, I
B1
=– 1.0 mAdc)
DC Current Gain
Collector–Emitter Saturation Voltage(3)
VCE(sat)
Base–Emitter Saturation Voltage
VBE(sat)
Ω
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com