Electronic Components Datasheet Search
  English  ▼

X  

LC4512Z Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # LC4512Z
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512Z Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button LC4512Z Datasheet HTML 9Page - Lattice Semiconductor LC4512Z Datasheet HTML 10Page - Lattice Semiconductor LC4512Z Datasheet HTML 11Page - Lattice Semiconductor LC4512Z Datasheet HTML 12Page - Lattice Semiconductor LC4512Z Datasheet HTML 13Page - Lattice Semiconductor LC4512Z Datasheet HTML 14Page - Lattice Semiconductor LC4512Z Datasheet HTML 15Page - Lattice Semiconductor LC4512Z Datasheet HTML 16Page - Lattice Semiconductor LC4512Z Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
13
Figure 10. Global OE Generation for ispMACH 4032
Zero Power/Low Power and Power Management
The ispMACH 4000 family is designed with high speed low power design techniques to offer both high speed and
low power. With an advanced E2 low power cell and non sense-amplifier design approach (full CMOS logic
approach), the ispMACH 4000 family offers SuperFAST pin-to-pin speeds, while simultaneously delivering low
standby power without needing any “turbo bits” or other power management schemes associated with a traditional
sense-amplifier approach.
The zero power ispMACH 4000Z is based on the 1.8V ispMACH 4000C family. With innovative circuit design
changes, the ispMACH 4000Z family is able to achieve the industry’s “lowest static power”.
IEEE 1149.1-Compliant Boundary Scan Testability
All ispMACH 4000 devices have boundary scan cells and are compliant to the IEEE 1149.1 standard. This allows
functional testing of the circuit board on which the device is mounted through a serial scan path that can access all
critical logic notes. Internal registers are linked internally, allowing test data to be shifted in and loaded directly onto
test nodes, or test node data to be captured and shifted out for verification. In addition, these devices can be linked
into a board-level serial scan path for more board-level testing. The test access port operates with an LVCMOS
interface that corresponds to the power supply voltage.
I/O Quick Configuration
To facilitate the most efficient board test, the physical nature of the I/O cells must be set before running any continu-
ity tests. As these tests are fast, by nature, the overhead and time that is required for configuration of the I/Os’
physical nature should be minimal so that board test time is minimized. The ispMACH 4000 family of devices allows
this by offering the user the ability to quickly configure the physical nature of the I/O cells. This quick configuration
takes milliseconds to complete, whereas it takes seconds for the entire device to be programmed. Lattice's
ispVM™ System programming software can either perform the quick configuration through the PC parallel port, or
can generate the ATE or test vectors necessary for a third-party test system.
Shared PTOE
(Block 0)
Shared PTOE
(Block 1)
Global
Fuses
GOE (3:0)
to I/O cells
Internal Global OE
PT Bus
(2 lines)
4-Bit
Global OE Bus
Global OE
Fuse connection
Hard wired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com