Electronic Components Datasheet Search
  English  ▼

X  

HD49338F Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HD49338F
Description  CDS/PGA & 12-bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49338F Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HD49338F Datasheet HTML 15Page - Renesas Technology Corp HD49338F Datasheet HTML 16Page - Renesas Technology Corp HD49338F Datasheet HTML 17Page - Renesas Technology Corp HD49338F Datasheet HTML 18Page - Renesas Technology Corp HD49338F Datasheet HTML 19Page - Renesas Technology Corp HD49338F Datasheet HTML 20Page - Renesas Technology Corp HD49338F Datasheet HTML 21Page - Renesas Technology Corp HD49338F Datasheet HTML 22Page - Renesas Technology Corp HD49338F Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
HD49338F/HF
Rev.1.0, Apr 20, 2004, page 19 of 22
Operation Sequence at Power On
RESET bit
RESET = "Low"
(RESET mode)
VDD
OBP
High-speed pulse is the right phase
OBP is the right phase
SPBLK
SPSIG
ADCLK
etc.
OBP is started within this period
HD49338F/HF
serial data transfer
RESET = "High"
(RESET cancellation)
Must be stable within the operating
power supply voltage range
Start control
of TG and
camera DSP
(1) Register 2 setting
(2) Register 2 setting
(3) Register 0 and 1 settings
(4) Please perform an offset calibration in the period which avoided PBLK of V.
: Set all bits in register 2 to the usage condition, and set the RESET bit to low.
: Cancel the RESET mode by setting the register 2 RESET bit to high.
Do not change other register 2 settings. Offset calibration starts automatically.
: After the offset calibration is terminated, set registers 0 and 1.
(2) Register 2 setting
(1) Register 2 setting
(3) Registers 0
and 1 settings
0 ms
or more
1 ms or more
2 ms or more
2 ms or more
Prohibition
period
Ends after
40000 clock cycles
Automatic offset
calibration
The following describes the above serial data transfer. For details on registers 0, 1, and 2, refer to table 10.
(4)Offset calibration
(automatically starts
after RESET
cancellation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com