Electronic Components Datasheet Search
  English  ▼

X  

HD49338F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD49338F
Description  CDS/PGA & 12-bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49338F Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD49338F Datasheet HTML 1Page - Renesas Technology Corp HD49338F Datasheet HTML 2Page - Renesas Technology Corp HD49338F Datasheet HTML 3Page - Renesas Technology Corp HD49338F Datasheet HTML 4Page - Renesas Technology Corp HD49338F Datasheet HTML 5Page - Renesas Technology Corp HD49338F Datasheet HTML 6Page - Renesas Technology Corp HD49338F Datasheet HTML 7Page - Renesas Technology Corp HD49338F Datasheet HTML 8Page - Renesas Technology Corp HD49338F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
HD49338F/HF
Rev.1.0, Apr 20, 2004, page 3 of 22
Pin Description (cont.)
Pin No.
Symbol
Description
I/O
Analog(A) or
Digital(D)
32
BIAS
Internal bias pin
Connect a 33 k
Ω resistor between BIAS and AV
SS.
—
A
33
AVDD
Analog power supply (3 V)
—
A
34
Y IN
Y input pin
—
A
35
AVSS
Analog ground (0 V)
—
A
36
ADCIN
ADC input pin
—
A
37
VRM
Reference voltage pin 1
Connect a 0.1
µF ceramic capacitor between VRM and AV
SS.
—
A
38
VRT
Reference voltage pin 3
Connect a 0.1
µF ceramic capacitor between VRT and AV
SS.
—
A
39
VRB
Reference voltage pin 2
Connect a 0.1
µF ceramic capacitor between VRB and AV
SS.
—
A
40
DVDD
Digital power supply (3 V)
—
D
41
DVSS
Digital ground (0 V)
—
D
42
OEB *
1
Digital output enable pin
—
D
43
DVDD
Digital power supply (3 V)
—
D
44
DVDD
Digital power supply (3 V)
—
D
45
DVSS
Digital ground (0 V)
—
D
46
CS
Serial interface control input pin
I
D
47
SDATA
Serial data input pin
I
D
48
SCK
Serial clock input pin
I
D
Note:
1. With pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com