Electronic Components Datasheet Search
  English  ▼

X  

Q240WS Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # Q240WS
Description  R-GAGE짰 Q240RA-AF2 Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q240WS Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button Q240WS Datasheet HTML 2Page - Banner Engineering Corp. Q240WS Datasheet HTML 3Page - Banner Engineering Corp. Q240WS Datasheet HTML 4Page - Banner Engineering Corp. Q240WS Datasheet HTML 5Page - Banner Engineering Corp. Q240WS Datasheet HTML 6Page - Banner Engineering Corp. Q240WS Datasheet HTML 7Page - Banner Engineering Corp. Q240WS Datasheet HTML 8Page - Banner Engineering Corp. Q240WS Datasheet HTML 9Page - Banner Engineering Corp. Q240WS Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Wiring
shield (QD cordset)
3
1
2
4
5
12-30V dc
Load 1
Load 2
+
–
Wiring Key:
1. Brown
2. White
3. Blue
4. Black
5. Gray (Do not connect)
NOTE: Banner recommends that the shield wire
(QD cordsets only) be connected to earth ground
or dc common. Shielded cordsets are
recommended for all QD models.
Accessories
Quick Disconnect (QD) Cordsets
5-Pin Threaded M12/Euro-Style Cordsets—with Shield
Model
Length
Style
Dimensions
Pinout (Female)
MQDEC2-506
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDEC2-515
4.57 m (15 ft)
MQDEC2-530
9.14 m (30 ft)
MQDEC2-550
15.2 m (50 ft)
MQDEC2-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDEC2-515RA
4.57 m (15 ft)
MQDEC2-530RA
9.14 m (30 ft)
MQDEC2-550RA
15.2 m (50 ft)
NOTE: Pin 5 is not used.
Brackets and Other Accessories
SMBQ240SS2
•
Add-on accessory to be
used in conjunction with
SMBQ240SS1
•
Provides ± 20° of tilt in
second axis for maximum
control of sensor alignment
•
12 gauge stainless steel
Q240WS
•
Coated to help repel water
and maximize signal
strength
•
Snap-on cover for easy
application and replacement
R-GAGE® Q240RA-AF2 Sensor
P/N 184564 Rev. C
www.bannerengineering.com - Tel: +1-763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com