Electronic Components Datasheet Search
  English  ▼

X  

Q240WS Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # Q240WS
Description  R-GAGE짰 Q240RA-IL (-UL) Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q240WS Datasheet(HTML) 5 Page - Banner Engineering Corp.

  Q240WS Datasheet HTML 1Page - Banner Engineering Corp. Q240WS Datasheet HTML 2Page - Banner Engineering Corp. Q240WS Datasheet HTML 3Page - Banner Engineering Corp. Q240WS Datasheet HTML 4Page - Banner Engineering Corp. Q240WS Datasheet HTML 5Page - Banner Engineering Corp. Q240WS Datasheet HTML 6Page - Banner Engineering Corp. Q240WS Datasheet HTML 7Page - Banner Engineering Corp. Q240WS Datasheet HTML 8Page - Banner Engineering Corp. Q240WS Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Analog Slope
B8
Positive/Negative
0*
Positive
1
Negative
*Default settings
Specifications
Supply Voltage (Vcc)
12 V dc to 30 V dc
Power and Current Consumption, exclusive of load
Normal Run Mode: 2.1 W, Current consumption < 85 mA at 24 V dc
Range
The sensor is able to detect a proper object (see Detectable Objects) from 1 m
to 100 m (3.3 ft to 328 ft), depending on target
Detectable Objects
Objects containing metal, water, or similar high-dielectric materials
Operating Principle
Frequency modulated continuous-wave (FMCW) radar
Operating Frequency
24.075–24.175 GHz, ISM Band
Maximum Output Power
US, CN Models: ERP: 3.3 mW, 5 dBm, EIRP: 358 mW, 25.5 dBm
EU Models: ERP: 0.9 mW, -0.5 dBm, EIRP: 100 mW, 20 dBm
Supply Protection Circuitry
Protected against reverse polarity and transient overvoltages
Delay at Power-up
Less than 2 seconds
Output Configuration
Analog output: 4 mA to 20 mA or 0 V to 10 V, depending on model
Discrete output: NPN/PNP and N.O./N.C. are user-configurable; 150 mA
maximum load
Output Protection
Protected against short circuit conditions
Response Time
DIP-switch-configurable ON/OFF response time
Vibration and Mechanical Shock
Vibration 10 Hz to 55 Hz 0.5 mm p-p amplitude per IEC 60068-2-6
Shock 30G 11 ms duration, half sine wave per IEC 60068-2-27
Temperature Affect
0.05 m/°C, typical
Analog Linearity
±1 m
Analog Resolution
0.5 m
Analog current output (Q240RA...I models):
1 kΩ maximum at 24 V; maximum load resistance = [(Vcc-4.5)/0.02 Ω]
Analog voltage output (Q240RA...U models):
2.5 kΩ min. load resistance
Indicators
Power LED: Green (power ON)
Signal Strength LED: Red, flashes in proportion to signal strength. Steady on at
4x excess gain. Only indicates signal amplitude, not target distance.
Output LEDs: Yellow (output energized) / Red (configuration)
See Overview on page 1
Adjustments
DIP-switch-configurable sensing distance, sensitivity, response time, and
output configuration
Construction
Housing: Polycarbonate
Lightpipes: Acrylic
Access Cap: Polyester
Operating Temperature
–40 °C to +65 °C (–40 °F to +149 °F)
Environmental Rating
IEC IP67
Connections
Integral M12 Euro-style QD fitting. QD models require a mating cordset
Certifications
, CMIIT Category G, FCC part 15, RSS-210, ETSI/EN 300
440; others pending
Beam Angles
SIDE
TOP
FCC ID: UE3Q240RAUS—This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions: (1) this
device may not cause harmful interference, and (2) this device must accept any interference received, including interference that may
cause undesired operation.
Industry Canada
IC: 7044A-Q240RA—This device complies with Industry Canada license-exempt RSS standard(s). Operation is subject to the following
two conditions: (1) this device may not cause interference, and (2) this device must accept any interference, including interference that
may cause undesired operation of the device.
Cet appareil est conforme aux CNR exempts de licence d'Industrie Canada. Son fonctionnement est soumis aux deux conditions
suivantes:(1) Ce dispositif ne peut causer des interférences; et(2) Ce dispositif doit accepter toute interférence, y compris les
interférences qui peuvent entraîner un mauvais fonctionnement de l'appareil.
R-GAGE® Q240RA-IL (-UL) Sensor
P/N 199895 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com