Electronic Components Datasheet Search
  English  ▼

X  

Q240WS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # Q240WS
Description  R-GAGE짰 Q240RA-IL (-UL) Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q240WS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  Q240WS Datasheet HTML 1Page - Banner Engineering Corp. Q240WS Datasheet HTML 2Page - Banner Engineering Corp. Q240WS Datasheet HTML 3Page - Banner Engineering Corp. Q240WS Datasheet HTML 4Page - Banner Engineering Corp. Q240WS Datasheet HTML 5Page - Banner Engineering Corp. Q240WS Datasheet HTML 6Page - Banner Engineering Corp. Q240WS Datasheet HTML 7Page - Banner Engineering Corp. Q240WS Datasheet HTML 8Page - Banner Engineering Corp. Q240WS Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
Radar-Based Dual-Zone Narrow-Beam Sensors for Detection of Moving and Stationary Targets
• FMCW (true-presence) radar detects moving and stationary objects
• Narrow 11° × 13° beam pattern
• Analog and discrete outputs for measuring objects up to 100 m (328.1 ft) away
• Easy setup and configuration of range, sensitivity, and output with simple DIP switches
• Sensing functions are unaffected by wind, falling rain or snow, fog, humidity, air
temperatures, or light
• Sensor operates in Industrial, Scientific, and Medical (ISM) telecommunication band
• Rugged IP67 housing withstands harsh environments
Protected by US patents
CAUTION: Make No Modifications to this Product
Any modifications to this product not expressly approved by Banner Engineering could void the user's authority to
operate the product. Contact Banner Engineering for more information.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
Model
Sensing Range
Connection
Supply Voltage
Telecom Approval
Output
Q240RA-CN-ILQ
Discrete output: 1 m to
100 m (3.3 ft to 328 ft)
Analog output: 3.5 m to
100 m (11.5 ft to 328 ft)
5-pin M12 quick
disconnect
12 V dc to 30 V dc
Telecom approved for
China
4 to 20 mA analog and
1 NPN/PNP discrete
Q240RA-CN-ULQ
0 to 10 V analog and 1
NPN/PNP discrete
Q240RA-EU-ILQ
Telecom approved for
Europe, UK, Australia,
and New Zealand
4 to 20 mA analog and
1 NPN/PNP discrete
Q240RA-EU-ULQ
0 to 10 V analog and 1
NPN/PNP discrete
Q240RA-US-ILQ
Telecom approved for
US and Canada
4 to 20 mA analog and
1 NPN/PNP discrete
Q240RA-US-ULQ
0 to 10 V analog and 1
NPN/PNP discrete
Overview
The R-GAGE sensor emits a well-defined beam of high-frequency radio waves from an internal antenna. Some of this emitted energy is
reflected back to the receiving antenna. Signal processing electronics determine the distance from the sensor to the object based on the
time delay of the return signal.
The analog output is scaled over the entire sensing range. The discrete output is pre-set to default distances at the factory and can be
reconfigured for different distances using the DIP switches on the side of the sensor. The sensor is plug-in ready for immediate
operation.
The sensitivity is precalibrated at the factory, assuming that the sensing field will be clear of obstacles. The sensitivity can be adjusted
using the DIP switches on the side of the sensor.
R-GAGE® Q240RA-IL (-UL) Sensor
Original Document
199895 Rev. A
14 November 2017
199895


Similar Part No. - Q240WS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q240WS BANNER-Q240WS Datasheet
738Kb / 10P
R-GAGE짰 Q240RA-AF2L Sensor
Q240WS BANNER-Q240WS Datasheet
670Kb / 10P
R-GAGE짰 Q240RA-AF2 Sensor
More results

Similar Description - Q240WS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
R-GAGE짰 Q120RA-AF Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
R-GAGE짰 Q120RA-AF2 Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
R-GAGE짰 Q120RA-AF2W Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
R-GAGE짰 Q130RA Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
R-GAGE짰 Q240RA-AF2 Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
R-GAGE짰 Q240RA-AF2L Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
R-GAGE짰 QT50R-AFH Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
R-GAGE짰 QT50R-AFS Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com