Electronic Components Datasheet Search
  English  ▼

X  

SLE30 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SLE30
Description  SLE30 Expert Series Slot Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLE30 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SLE30 Datasheet HTML 1Page - Banner Engineering Corp. SLE30 Datasheet HTML 2Page - Banner Engineering Corp. SLE30 Datasheet HTML 3Page - Banner Engineering Corp. SLE30 Datasheet HTML 4Page - Banner Engineering Corp. SLE30 Datasheet HTML 5Page - Banner Engineering Corp. SLE30 Datasheet HTML 6Page - Banner Engineering Corp. SLE30 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Method
Action
Result
Remote Input3
N/A
The sensor is ready for the first sensing
condition.
2. TEACH Condition #1 (Output ON state).
Method
Action
Result
Push Button
a. Present the first sensing condition to the sensor.
b. Single-click the TEACH button.
Indicator Status
Amber: OFF
Red: Pulses to indicate relative received signal
strength.
Remote Input
a. Present the first sensing condition to the sensor.
b. Single-pulse the remote input.
T
Green/Red: Flash red or turn OFF (the AID™
function is indicating signal strength)
Amber: Flash briefly, then turn off
3. TEACH Condition #2 (Output OFF state)
Method
Action
Result
Push Button
a. Present the second sensing condition to the sensor
b. Single-click the TEACH button.
TEACH Accepted
The sensor returns to RUN mode.
TEACH Not Accepted
The sensor returns to TEACH Condition #1.
Green: ON (or flashes if signal is close to the
switching threshold).
Amber: OFF, until the sensing condition
changes.
Remote Input
a. Present the second sensing condition to the sensor.
b. Single-pulse the remote input.
T
TEACH Accepted
The green indicator turns on and the sensor
returns to RUN mode
TEACH Not Accepted
The amber indicator turns on and the red AID
indicator remains active, indicating that the
sensor is waiting for the first TECH condition to
be taught again. (Run mode begins a few
seconds after the end of TEACH mode.)
Dynamic TEACH
Dynamic TEACH is a method of setting the sensor's sensitivity while the object to be sensed is in motion.
Typical applications are label sensing and small parts detection. In a label application, web flutter may change the amount of light passing through the
label and its backing material. Dynamic TEACH will sense this variation and adjust the sensitivity to account for it.
In a small parts detection application, alignment of the object to the sensor's effective beam may make Static TEACH difficult. In this case, Dynamic
TEACH will allow you to pass individual or multiple parts through the beam; the sensor then will detect them and set the sensitivity automatically.
Determine the Output ON and OFF Conditions
Dynamic TEACH is used for optimizing the sensor's sensitivity and will not configure the output ON and OFF conditions. A Static TEACH must be used first
to change the output ON and OFF conditions, if needed. If the outputs are configured properly for your installation, Dynamic TEACH may be performed
as needed without reverting back to Static TEACH.
Set Sensitivity
Sensitivity is automatically set and optimized when the sensor is taught dynamically. When the push button is depressed and held, the sensor continues
to sample events and registers them into memory. Upon release of the button, the sensor chooses the optimum setting for the application and then
returns to RUN mode.
Dynamic Sampling Rate
When using Dynamic TEACH to sample an application for programming, it is important to consider the speed of the object being sensed. The sensor's
sampling rate during this set-up process is much slower than its response time in RUN mode. Once sampling is complete and the sensor returns to RUN
mode, sensor response time returns to its original value.
Use the following formula to calculate the target object speed for Dynamic TEACH sampling:
Maximum speed of object as it passes the sensor = [Width of the object (in inches) – effective beam (0.07 in)] ÷ Dynamic Sampling Rate (0.009
seconds)4
For example, for an object 0.125 inches wide, the maximum object speed is:
3 To exit Static TEACH without updating, hold the Remote TEACH line low (longer than 2 seconds) until the green indicator goes ON, before teaching the second
target.
4 The Dynamic Sampling Rate for high-speed models ("Y" model suffix) is 8 milliseconds (0.008 seconds) .
SLE30 Expert Series Slot Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 58338 Rev. B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com