Electronic Components Datasheet Search
  English  ▼

X  

SLE30 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # SLE30
Description  SLE30 Expert Series Slot Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLE30 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  SLE30 Datasheet HTML 1Page - Banner Engineering Corp. SLE30 Datasheet HTML 2Page - Banner Engineering Corp. SLE30 Datasheet HTML 3Page - Banner Engineering Corp. SLE30 Datasheet HTML 4Page - Banner Engineering Corp. SLE30 Datasheet HTML 5Page - Banner Engineering Corp. SLE30 Datasheet HTML 6Page - Banner Engineering Corp. SLE30 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
(0.125 in – 0.07 in) ÷ 0.009 seconds = 6.1 in /second
For an object 2 mm wide, the maximum object speed is:
(2 mm – 1.8 mm) ÷ 0.009 seconds = 2.2 mm/second
Dynamic TEACH
When using remote TEACH, set up the application’s Output ON and OFF conditions using the Static TEACH procedure. This step is not necessary if the
Output ON and OFF conditions already are configured properly for your application.
1. Method
Action
Result
Push Button5
Press and hold the TEACH button until the bi-color (green/red) indicator begins to flash
red, or turns OFF.
Amber: ON
Red: Pulses to indicate relative received signal
strength.
Remote Input6
N/A
The sensor is ready for the first sensing
condition.
2. Initiate Dynamic TEACH Mode.
Method
Action
Result
Push Button
Double-click the TEACH button.
Amber: Pulses at 0.5 Hz.
Red: ON
Remote Input
Double-pulse the remote input.
T
T
T
3. Begin the TEACH process.
Method
Action
Result
Push Button
Press and hold the TEACH button and present the sensing condition.
Amber: ON Solid
Red: ON Solid
Remote Input
Hold the Remote line low. Sample sensing events while
continuing to hold the Remote line low.
4. End the TEACH process.
Method
Action
Result
Push Button
Release the TEACH button.
TEACH Accepted
The sensor returns to RUN mode.
TEACH Not Accepted
The sensor returns to Static TEACH mode.
Double click the TEACH button to initiate
Dynamic TEACH.
Green: ON (or flashes if signal is close to the
switching threshold).
Amber: ON or OFF, depending on condition
Remote Input
Release the Remote line when event sampling is
complete.
TEACH Accepted
The green indicator turns on and the sensor
returns to RUN mode with the new settings.
TEACH Not Accepted
Red: Flashes at a rate proportional to the
received light signal strength
Amber: ON, indicating the need to TEACH the
sensor again. Return to step 2.
5 The sensor will return to RUN mode if the first TEACH condition is not registered within 90 seconds. Dynamic TEACH mode may be cancelled by waiting 90
seconds or by cycling sensor power.
6 For remote input, to exit Dynamic TEACH without updating, wait 90 seconds or cycle the sensor power.
SLE30 Expert Series Slot Sensor
P/N 58338 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com