Electronic Components Datasheet Search
  English  ▼

X  

CSR23B565JB Datasheet(PDF) 66 Page - Kemet Corporation

Part # CSR23B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR23B565JB Datasheet(HTML) 66 Page - Kemet Corporation

Back Button CSR23B565JB Datasheet HTML 62Page - Kemet Corporation CSR23B565JB Datasheet HTML 63Page - Kemet Corporation CSR23B565JB Datasheet HTML 64Page - Kemet Corporation CSR23B565JB Datasheet HTML 65Page - Kemet Corporation CSR23B565JB Datasheet HTML 66Page - Kemet Corporation CSR23B565JB Datasheet HTML 67Page - Kemet Corporation CSR23B565JB Datasheet HTML 68Page - Kemet Corporation CSR23B565JB Datasheet HTML 69Page - Kemet Corporation CSR23B565JB Datasheet HTML 70Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
®
KEMET
TANTALUM DIPPED / RADIAL — MIL-C-49137/2
T363 (CX02), T369 (CX12) SERIES
66
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
Product manufactured to the requirements of MIL-C-49137 satisfy
all the performance characteristics of the UltraDip II. The perfor-
mance characteristics meet or exceed the requirements of MIL-C-
49137.
In addition to the standard process testing done on the UltraDip II,
all product supplied to MIL-C-49137 is sampled on a lot by lot basis
for Group A and Group B inspection to insure compliance. Product
supplied per MIL-C-49137 also receives an additional post process
burn-in for at least two (2) hours under accelerated voltage stress in
excess of 125% of DC rated voltage. This post process burn-in is
equivalent to 200 hours under rated conditions.
CAPACITOR OUTLINE DRAWINGS
DIMENSIONS — INCHES & (MILLIMETERS)
MIL-C-49137 MARKING INFORMATION
MIL-C-49137/2 ORDERING INFORMATION
CX
02
D
225
K
TYPE
Capacitors, Fixed, Solid Tantalum
Conformal Coated, Non-hermetically Sealed.
STYLE
02 (T363) A, B, C & D Cases
12 (T369) A & B Cases Only
VOLTAGE
CAPACITANCE TOLERANCE
CAPACITANCE IN PICORARAD CODE
The nominal capacitance value, expressed in
picofarads (pF), is identified by a three-digit number;
the first two digits represent significant figures and
the last digit specifies the number of zeros to follow.
Symbol
Capacitance Tolerance
Percent (±)
K10
M20
CASE
D MAX
H MAX
SIZE
A
0.175
0.350
(4.45)
(8.89)
B
0.250
0.450
(6.35)
(11.43)
C
0.350
0.610
(8.89)
(15.49)
D
0.400
0.740
(10.16)
(18.80)
T363 A-D CASE
T369 A&B CASE ONLY
*For KEMET Ordering Information, see page 63.
.187
± .032
(4.75
± .81)
T363 (CX02)
A, B, C & D CASES
A & B
.020
± .002
(.51
± .05)
C & D
.025
± .002
(.64
± .05)
H
MAX.
.250
± .015
(6.35
± .38)
D
MAX.
D
MAX.
T369 (CX12)
A & B CASES
.250
± .025
(6.35
± .64)
H
MAX.
.125
± .015
(3.18
± .38)
.020
± .002
(.51
± .05)
.187
± .032
(4.75
± .81)
Mfg. - KEMET
Voltage
Polarity
Capacitance Tolerance
Capacitance
(in Picofarad Code)
Date
Code
Symbol
Rated (857C)
Surge (857C)
Volts, dc
Volts, dc
D6
8
F10
13
H15
20
J20
26
K25
32
M35
46
N50
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com