Electronic Components Datasheet Search
  English  ▼

X  

CSR23B565JB Datasheet(PDF) 61 Page - Kemet Corporation

Part # CSR23B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR23B565JB Datasheet(HTML) 61 Page - Kemet Corporation

Back Button CSR23B565JB Datasheet HTML 57Page - Kemet Corporation CSR23B565JB Datasheet HTML 58Page - Kemet Corporation CSR23B565JB Datasheet HTML 59Page - Kemet Corporation CSR23B565JB Datasheet HTML 60Page - Kemet Corporation CSR23B565JB Datasheet HTML 61Page - Kemet Corporation CSR23B565JB Datasheet HTML 62Page - Kemet Corporation CSR23B565JB Datasheet HTML 63Page - Kemet Corporation CSR23B565JB Datasheet HTML 64Page - Kemet Corporation CSR23B565JB Datasheet HTML 65Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
®
KEMET
TANTALUM DIPPED / RADIAL — POLAR
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
61
• CAPACITANCE/VOLTAGE RANGE:
T35X/T39X: 0.1-680µF, 3-50 Volts.
T36X: 0.1-330µF, 6-50 Volts.
• CAPACITANCE TOLERANCE: Available in stan-
dard EIA nominal values with ±20% and ±10%
standard.
• DISSIPATION FACTOR: Maximum DF limits are
shown in corresponding series part number list-
ings. See Application Notes Section, page 76 for
additional information.
• DC LEAKAGE CURRENT: Maximum leakage val-
ues at 25° are shown in part number listings,
pages 63-65, 67, 68 and 70. See Application
Notes Section, pages 76 & 77 for additional infor-
mation.
• RATED VOLTAGE; WORKING VOLTAGE; SURGE
VOLTAGE; REVERSE VOLTAGE: See Application
Notes Section, pages 76 & 77 for description.
• IMPEDANCE and ESR: See Application Notes
Section, page 77 & 78 for description. Reference
ESR values are shown in table below.
• AC RIPPLE VOLTAGE: Permissible AC ripple volt-
age is related to equivalent series resistance
(ESR) and power dissipation capability. Maximum
power dissipation for each case size is listed in
Table below. For additional description see page
78.
• ENVIRONMENTAL CONSIDERATIONS:
A. Shock Test: MIL-STD-202, Method 213.
B. Thermal Shock, MIL-STD-202, Method 107,
Condition A.
C. Moisture Resistance: MIL-STD-202,
Method 106.
D. Solderability: MIL-STD-202, Method 208.
For additional Environmental Test Information
see pages 80, 81 and 82.
• LEAD MATERIAL: Solder coated steel core with
copper ply per MIL-STD-127.
• LEAD TAPE and REEL: Reeling per specification
RS-468. See pages 72 - 74 for additional informa-
tion.
PERFORMANCE CHARACTERISTICS
Case
Power Dissipation
Size
(max.) @ 25°C (watts)
T35X, A
.040
T39X B
.050
C
.060
D
.065
E
.070
F
.080
G
.090
H
.100
J.110
K
.120
L
.130
M
.140
T36X A
.050
B
.075
C
.090
D
.135
Maximum Power Dissipation Capability @ 25°C
Commercial T35X/T36X/T39X ESR (OHMS) at 100 kHz @ +25
°C
(The ESR values provided below are for reference only. No warranty, as
stated on page 3 and reincorporated here, is made as to the accuracy
of these values for any particular T35X, T36X, T39X Series product.)
0.10
0.15
0.22
0.33
0.47
0.68
1.00
1.50
2.20
3.30
4.70
6.80
10.0
15.0
22.0
33.0
47.0
68.0
100.0
150.0
220.0
330.0
13.0
10.0
8.0
6.0
5.0
3.7
3.0
2.0
1.8
1.6
0.9
0.9
0.7
13.0
10.0
8.0
6.0
5.0
3.7
2.7
2.1
1.7
1.3
1.0
0.8
0.6
10.0
8.0
6.0
5.0
4.0
3.2
2.5
2.0
1.6
1.3
1.0
0.8
0.6
10.0
9.0
7.0
5.5
4.5
3.6
2.9
2.3
1.8
1.4
1.2
0.9
0.6
10.0
8.0
6.0
5.0
4.0
3.1
2.5
2.0
1.5
1.2
1.0
0.8
26.0
21.0
17.0
15.0
13.0
10.0
8.0
6.0
5.0
4.0
3.0
2.5
2.0
1.6
1.3
1.0
0.8
26.0
21.0
17.0
15.0
13.0
10.0
8.0
5.0
3.5
3.0
2.5
2.0
1.6
1.2
1.0
Cap.
µF
6
Volt
10
Volt
16
Volt
20
Volt
25
Volt
35
Volt
50
Volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com