Electronic Components Datasheet Search
  English  ▼

X  

CSR09B563JB Datasheet(PDF) 43 Page - Kemet Corporation

Part # CSR09B563JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B563JB Datasheet(HTML) 43 Page - Kemet Corporation

Back Button CSR09B563JB Datasheet HTML 39Page - Kemet Corporation CSR09B563JB Datasheet HTML 40Page - Kemet Corporation CSR09B563JB Datasheet HTML 41Page - Kemet Corporation CSR09B563JB Datasheet HTML 42Page - Kemet Corporation CSR09B563JB Datasheet HTML 43Page - Kemet Corporation CSR09B563JB Datasheet HTML 44Page - Kemet Corporation CSR09B563JB Datasheet HTML 45Page - Kemet Corporation CSR09B563JB Datasheet HTML 46Page - Kemet Corporation CSR09B563JB Datasheet HTML 47Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
®
KEMET
TANTALUM MOLDED / AXIAL — MIL-C-49137/1 & 5
T322 & T323 (CX01 & CX05) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
43
CAPACITOR OUTLINE DRAWINGS
D
L
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
+
DIMENSIONS — INCHES & (MILLIMETERS)
CASE SIZE
D (MAX)
L (MAX)
W
A
.095 (2.41)
.260 (6.6)
.020 (.51)
B
.110 (2.79)
.290 (7.37)
.020 (.51)
C
.180 (4.57)
.345 (8.76)
.020 (.51)
D
.180 (4.57)
.420 (10.67)
.020 (.51)
E
.280 (7.11)
.530 (13.46)
.025 (.64)
F
.300 (7.62)
.710 (18.03)
.025 (.64)
T322 & T323 ORDERING INFORMATION
T
32X
A
474
M
035
A
S — C*
TANTALUM
SERIES
Sub-Miniature, Molded, Polar, Solid Tantalum,
Insert appropriate number to replace
letter “X” — 322 or 323 (CX01, CX05).
CASE SIZE
A, B, C, D, E, or F
CAPACITANCE IN PICOFARADS
First two digits are significant figures.
Third digit is number of zeros following.
SPECIFICATION
(when necessary
— Reeling Per EIA
Specification RS-296
LEAD MATERIAL
S — Standard
FAILURE RATE LEVEL
A — Not Applicable
VOLTAGE RATING
CAPACITANCE TOLERANCE
*M — ±20%
*K — ±10%
*J — ±5%
* M & K only tolerances available
for T323 Series.
MIL-C-49137/5 MILITARY ORDERING INFORMATION
CX
05
D
225
K
TYPE
Capacitor, Fixed, Solid Tantalum,
Molded, Non-hermetically Sealed
STYLE
01, 05 (T323) A, B, C, and D
VOLTAGE
CAPACITANCE TOLERANCE
Symbol
Capacitance Tolerance
Percent (±)
K10
M20
CAPACITANCE TOLERANCE
The nominal capacitance value, expressed in
picofarads (pF), is identified by a three-digit
number; the first two digits represent sig-
nificant figures and the last digit specifies the
number of zeros to follow.
Rated (85°C)
Surge (85°C)
Symbol
Volts, DC
Volts, DC
D6
8.0
F
10
13.0
H
15
20.0
J
20
26.0
K
25
32.0
M
35
46.0
N
50
65.0
Capacitance Value (pF), Capacitance Tolerance
Polarity, Voltage, KEMET
Date Code (Year, Week)
105M
+25 K
9801
CAPACITOR MARKING
W
*Part Number Example: T322A474M035AS (14 digits – no spaces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com