Electronic Components Datasheet Search
  English  ▼

X  

CSR09B563JB Datasheet(PDF) 48 Page - Kemet Corporation

Part # CSR09B563JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B563JB Datasheet(HTML) 48 Page - Kemet Corporation

Back Button CSR09B563JB Datasheet HTML 44Page - Kemet Corporation CSR09B563JB Datasheet HTML 45Page - Kemet Corporation CSR09B563JB Datasheet HTML 46Page - Kemet Corporation CSR09B563JB Datasheet HTML 47Page - Kemet Corporation CSR09B563JB Datasheet HTML 48Page - Kemet Corporation CSR09B563JB Datasheet HTML 49Page - Kemet Corporation CSR09B563JB Datasheet HTML 50Page - Kemet Corporation CSR09B563JB Datasheet HTML 51Page - Kemet Corporation CSR09B563JB Datasheet HTML 52Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
KEMET T322 SERIES
MAX.
DISSIPATION
CAPACITANCE
D.C.
FACTOR
CAPACITANCE
CASE
TOLERANCE
KEMET
LEAKAGE
%@25°C,
MILITARY
KEMET
µF
SIZE
±%
PART NUMBER
µA@25°C
120 HZ
PART NUMBER
PART NUMBER
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
5.6
D
5,10,20
T322D565(1)035AS
1.6
4
6.8
D
5
T322D685J035AS
1.9
4
6.8
D
10
T322D685K035AS
1.9
4
CX05M685K
T323D685K035AS
6.8
D
20
T322D685M035AS
1.9
4
CX05M685M
T323D685M035AS
8.2
D
5,10,20
T322D825(1)035AS
2.3
4
10.0
D
5
T322D106J035AS
2.8
4
10.0
D
10
T322D106K035AS
2.8
4
CX05M106K
T323D106K035AS
10.0
D
20
T322D106M035AS
2.8
4
CX05M106M
T323D106M035AS
12.0
E
5,10,20
T322E126(1)035AS
3.3
4
15.0
E
5,10,20
T322E156(1)035AS
4.2
6
18.0
E
5,10,20
T322E186(1)035AS
5.0
6
22.0
E
5,10,20
T322E226(1)035AS
6.2
6
27.0
E
5,10,20
T322E276(1)035AS
7.5
6
33.0
E
5,10,20
T322E336(1)035AS
9.2
6
39.0
F
5,10,20
T322F396(1)035AS
10.0
6
47.0
F
5,10,20
T322F476(1)035AS
10.0
6
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C
0.1
A
5
T322A104J050AS
0.5
3
0.1
A
10
T322A104K050AS
0.5
3
CX05N104K
T323A104K050AS
0.1
A
20
T322A104M050AS
0.5
3
CX05N104M
T323A104M050AS
0.12
A
5,10,20
T322A124(1)050AS
0.5
3
0.15
A
5
T322A154J050AS
0.5
3
0.15
A
10
T322A154K050AS
0.5
3
CX05N154K
T323A154K050AS
0.15
A
20
T322A154M050AS
0.5
3
CX05N154M
T323A154M050AS
0.18
A
5,10,20
T322A184(1)050AS
0.5
3
0.22
A
5
T322A224J050AS
0.5
3
0.22
A
10
T322A224K050AS
0.5
3
CX05N224K
T323A224K050AS
0.22
A
20
T322A224M050AS
0.5
3
CX05N224M
T323A224M050AS
0.27
A
5,10,20
T322A274(1)050AS
0.5
3
0.33
B
5
T322B334J050AS
0.5
3
0.33
B
10
T322B334K050AS
0.5
3
CX05N334K
T323B334K050AS
0.33
B
20
T322B334M050AS
0.5
3
CX05N334M
T323B334M050AS
0.39
B
5
T322B394J050AS
0.5
3
0.39
B
10
T322B394K050AS
0.5
3
CX05N394K
T323B394K050AS
0.39
B
20
T322B394M050AS
0.5
3
CX05N394M
T323B394M050AS
0.47
B
5
T322B474J050AS
0.5
3
0.47
B
10
T322B474K050AS
0.5
3
CX05N474K
T323B474K050AS
0.47
B
20
T322B474M050AS
0.5
3
CX05N474M
T323B474M050AS
0.56
B
5,10,20
T322B564(1)050AS
0.5
3
0.68
B
5
T322B684J050AS
0.5
3
0.68
B
10
T322B684K050AS
0.5
3
CX05N684K
T323B684K050AS
0.68
B
20
T322B684M050AS
0.5
3
CX05N684M
T323B684M050AS
0.82
B
5,10,20
T322B824(1)050AS
0.5
3
1.0
B
5
T322B105J050AS
0.5
3
1.0
B
10
T322B105K050AS
0.5
3
CX05N105K
T323B105K050AS
1.0
B
20
T322B105M050AS
0.5
3
CX05N105M
T323B105M050AS
1.2
C
5,10,20
T322C125(1)050AS
0.5
3
1.5
C
5
T322C155J050AS
0.6
4
1.5
C
10
T322C155K050AS
0.6
4
CX05N155K
T323C155K050AS
1.5
C
20
T322C155M050AS
0.6
4
CX05N155M
T323C155M050AS
1.8
C
5,10,20
T322C185(1)050AS
0.7
4
2.2
C
5
T322C225J050AS
0.9
4
2.2
C
10
T322C225K050AS
0.9
4
CX05N225K
T323C225K050AS
2.2
C
20
T322C225M050AS
0.9
4
CX05N225M
T323C225M050AS
2.7
D
5,10,20
T322D275(1)050AS
1.1
4
3.3
D
5
T322D335J050AS
1.3
4
3.3
D
10
T322D335K050AS
1.3
4
CX05N335K
T323D335K050AS
3.3
D
20
T322D335M050AS
1.3
4
CX05N335M
T323D335M050AS
3.9
D
5,10,20
T322D395(1)050AS
1.6
4
4.7
D
5
T322D475J050AS
1.9
4
4.7
D
10
T322D475K050AS
1.9
4
CX05N475K
T323D475K050AS
4.7
D
20
T322D475M050AS
1.9
4
CX05N475M
T323D475M050AS
5.6
E
5,10,20
T322E565(1)050AS
2.2
4
6.8
E
5,10,20
T322E685(1)050AS
2.7
4
8.2
E
5,10,20
T322E825(1)050AS
3.2
4
10.0
E
5,10,20
T322E106(1)050AS
4.0
6
12.0
F
5,10,20
T322F126(1)050AS
4.8
6
15.0
F
5,10,20
T322F156(1)050AS
6.0
6
18.0
F
5,10,20
T322F186(1)050AS
7.2
6
22.0
F
5,10,20
T322F226(1)050AS
8.8
6
®
KEMET
TANTALUM MOLDED / AXIAL — MIL-C-49137/1 & 5
T322 & T323 (CX01 & CX05) SERIES
48
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
CX01 & CXO5 CAPACITORS
PER MIL-C-49137/1 & 5
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: M — ±20%, K — ±10%, J — ±5%
Bold Face lines indicate preferred part types and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com