Electronic Components Datasheet Search
  English  ▼

X  

SA600D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA600D
Description  1GHz LNA and mixer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA600D Datasheet(HTML) 1 Page - NXP Semiconductors

  SA600D Datasheet HTML 1Page - NXP Semiconductors SA600D Datasheet HTML 2Page - NXP Semiconductors SA600D Datasheet HTML 3Page - NXP Semiconductors SA600D Datasheet HTML 4Page - NXP Semiconductors SA600D Datasheet HTML 5Page - NXP Semiconductors SA600D Datasheet HTML 6Page - NXP Semiconductors SA600D Datasheet HTML 7Page - NXP Semiconductors SA600D Datasheet HTML 8Page - NXP Semiconductors SA600D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image


Similar Part No. - SA600D

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA600(C)-G COMCHIP-SA600(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA600A(CA)-G COMCHIP-SA600A(CA)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA600A-HF COMCHIP-SA600A-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
SA600ACA-HF COMCHIP-SA600ACA-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA600D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
1GHz low voltage LNA and mixer
1999 Mar 26
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
1GHz low voltage LNA and mixer
1998 Jan 08
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
Integrated LNA, Mixer and LO Buffer Amplifier
logo
NXP Semiconductors
MC13770 NXP-MC13770 Datasheet
432Kb / 8P
Single Band LNA and Mixer FEIC
Rev. 2, 11/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com