Electronic Components Datasheet Search
  English  ▼

X  

SA600D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA600D
Description  1GHz LNA and mixer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA600D Datasheet(HTML) 3 Page - NXP Semiconductors

  SA600D Datasheet HTML 1Page - NXP Semiconductors SA600D Datasheet HTML 2Page - NXP Semiconductors SA600D Datasheet HTML 3Page - NXP Semiconductors SA600D Datasheet HTML 4Page - NXP Semiconductors SA600D Datasheet HTML 5Page - NXP Semiconductors SA600D Datasheet HTML 6Page - NXP Semiconductors SA600D Datasheet HTML 7Page - NXP Semiconductors SA600D Datasheet HTML 8Page - NXP Semiconductors SA600D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA600
1GHz LNA and mixer
1993 Dec 15
49
AC ELECTRICAL CHARACTERISTICS1,2
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
–3
σ
TYP
+3
σ
UNITS
LNA (VCC = VCCMX = +5V, TA = 25°C; Enable = Hi, Test Figure 1, unless otherwise stated.)
S21
Amplifier gain
900MHz
14.9
16
17.1
dB
S21
Amplifier gain in thru mode
Enable = LO, 900MHz
–9.0
-7.5
–6.0
dB
∆S21/∆T
Gain temperature sensitivity enabled
900MHz
-0.008
dB/
°C
∆S21/∆T
Gain temperature sensitivity in thru mode
Enable = LO, 900MHz
-0.014
dB/
°C
∆S21/∆f
Gain frequency variation
800MHz - 1.2GHz
-0.014
dB/MHz
S12
Amplifier reverse isolation
900MHz
–47
-42
–37
dB
S11
Amplifier input match3
900MHz
–11
-10
–9
dB
S22
Amplifier output match
900MHz
–16.8
-15
–13.2
dB
P-1dB
Amplifier input 1dB gain compression
900MHz
–21.2
-20
–18.8
dBm
IP3
Amp input 3rd-order intercept
Test Fig. 2, 900MHz
–11.6
-10
–8.6
dBm
Amp input 3rd-order intercept (thru mode)
Test Fig. 2, 900MHz, Enable = LO
+26
dBm
Amplifier noise figure
900MHz
1.9
2.2
2.5
dB
NF
Amp noise figure w/shunt 15nH inductor
at input
900MHz
1.7
2.0
2.3
dB
tON
Amplifier turn-on time
Coupling = 100pF
Coupling = 0.01
µF
Enable Lo
→ Hi
30
3
µs
ms
tOFF
Amplifier turn-off time
Coupling = 100pF
Coupling = 0.01
µF
Enable Hi
→ Lo
10
1
µs
ms
Mixer (VCC = VCCMX = +5V, TA = 25°C, Enable = Hi, fLO = 1GHz @ 0dBm, fRF = 900MHz, fIF = 100MHz, Test Fig. 1, unless otherwise stated)
VGC
Mixer voltage conversion gain
RL1 = RL2 = 1kΩ
9.5
10.4
11.3
dB
PGC
Mixer power conversion gain
RL1 = RL2 = 1kΩ
–3.05
–2.6
–2.15
dB
S11RF
Mixer input match
900MHz
–23
-20
–17
dB
NFM
Mixer SSB noise figure
Test Fig. 3, 900MHz, fIF = 80MHz
12.2
14
15.8
dB
P-1dB
Mixer input 1dB gain compression
900MHz
–5.3
-4
–2.7
dBm
IP3INT
Mixer input third order intercept
900MHz
+5
+6
+7
dBm
IP2INT
Mixer input second order intercept
900MHz
+18
+20
+22
dBm
GRFM-IF
Mixer RF feedthrough
900MHz, CIF = 3pF
–7
dB
GLO-IF
Mixer LO feedthrough
900MHz, CIF = 3pF
-10
dB
GLO-RFM
Local oscillator to mixer input feedthrough
900MHz
-33
dB
S11LO
LO input match
900MHz
–24
–20
–16
dB
GLO-RF
Local oscillator to RF input feedthrough
900MHz
-46
dB
GRFO-RFM Filter feedthrough
900MHz
-39
dB
LNA + Mixer (VCC=VCCMX=+5V, TA=25°C, Enable=Hi, fLO=1GHz @ 0dBm, fRF = 900MHz, fIF = 100MHz, Test Fig. 1, unless otherwise
stated)
PGC
Overall power conversion gain
13.4
dB
NF
Overall noise figure
3.5
dB
IP3
Overall input 3rd-order intercept
–13
dBm
NOTE:
1. All meausrements include the effects of the NE/SA600 Evaluation Board (see Figure ) unless otherwise noted. Measurement system
impedance is 50
Ω.
2. Standard deviations are estimated from design simulations to represent manufacturing variations over the life of the product.
3. With a shunt 15nH inductor at the input of the LNA, the value of S11 is typically –15dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com