Electronic Components Datasheet Search
  English  ▼

X  

STR720 Datasheet(PDF) 221 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 221 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 217Page - STMicroelectronics STR720 Datasheet HTML 218Page - STMicroelectronics STR720 Datasheet HTML 219Page - STMicroelectronics STR720 Datasheet HTML 220Page - STMicroelectronics STR720 Datasheet HTML 221Page - STMicroelectronics STR720 Datasheet HTML 222Page - STMicroelectronics STR720 Datasheet HTML 223Page - STMicroelectronics STR720 Datasheet HTML 224Page - STMicroelectronics STR720 Datasheet HTML 225Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
221/401
IFn Command Mask Registers (CAN_IFn_CMR)
Address offset: 24h (CAN_IF1_CMR), 84h (CAN_IF2_CMR)
Reset Value: 0000h
The control bits of the IFn Command Mask Register specify the transfer direction and select
which of the IFn Message Buffer Registers are source or target of the data transfer.
15
14
13
12
11
10
9
8
7
654
32
10
Reserved
rw
rw
rw
rw
rw
rw
rw
rw
Bits 15:8
Reserved
These are reserved bits. These bits are always read as ‘0’ and must always
be written with ‘0’.
Bit 7
WR/RD: Write / Read
0: Read: Transfer data from the Message Object addressed by the
Command Request Register into the selected Message Buffer Registers.
1: Write: Transfer data from the selected Message Buffer Registers to the
Message Object addressed by the Command Request Register.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com