Electronic Components Datasheet Search
  English  ▼

X  

10A05 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 10A05
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

10A05 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  10A05 Datasheet HTML 1Page - First Silicon Co., Ltd 10A05 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
10A05 ~ 10A10
2013 04 19
1/2
Revision No : 0
General Purpose Rectifier
■ Features
■ Outline Dimensions and Mark
● I
o
10A
● VRRM
50V-1000V
●High surge current capability
■ Applications
● Rectifier
■ Limiting Values (Absolute Maximum Rating)
■ Electrical Characteristics (Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Test Condition
Max
Peak Forward Voltage
V
FM
V
I
FM=10A
1.1
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta=25℃
5
I
RRM2
Ta=125℃
50
Thermal
Resistance(Typical)
RθJ-A
/W
℃
Between junction and ambient
10
RθJ-L
Between junction and lead
2.5
1.0(25.4)
M N
360(9.10)
340(8 60)
.052(1.32)
.047(1.20)
DIA
.360(9.10)
.340(8.60)
1 0(25.4)
MIN
Dimensions in inches and (millimeters)
R-6
DIA
Item
Symbol
Unit
Conditions
10A
05
1
2
4
6
8
10
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Forward Current
IF(AV)
A
60Hz Half-sine wave, Resistance
load, Ta=50℃
10
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz
Half-sine
wave,1
cycle,
Ta=25℃
600
Junction Temperature
TJ
℃
5
2
1
+
~
5
5
-
Storage Temperature
TSTG
℃
-55 ~ +150


Similar Part No. - 10A05

ManufacturerPart #DatasheetDescription
logo
Bytes
10A05 BYTES-10A05 Datasheet
190Kb / 2P
10.0 AMP SILICON RECTIFIERS
logo
Diodes Incorporated
10A05 DIODES-10A05 Datasheet
48Kb / 2P
10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A05 MCC-10A05 Datasheet
88Kb / 2P
10 Amp Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
10A05 ETC1-10A05 Datasheet
574Kb / 2P
10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
logo
Diodes Incorporated
10A05 DIODES-10A05 Datasheet
67Kb / 3P
10A RECTIFIER
DS28010 Rev. 4 - 2
More results

Similar Description - 10A05

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
1A1 YANGJIE-1A1_17 Datasheet
206Kb / 4P
General Purpose Rectifier
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com