Electronic Components Datasheet Search
  English  ▼

X  

10A05 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 10A05
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

10A05 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  10A05 Datasheet HTML 1Page - First Silicon Co., Ltd 10A05 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013 04 19
2/2
Revision No : 0
10A05 ~ 10A10
■
Characteristics(Typical)
Number of Cycles
FIG.2: MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8 3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
200
400
600
800
1000
0
0
5
1
5
7
FIG.1: FORWARD CURRENT DERATING CURVE
Single Phase Half Wave 60Hz Resistive or
Inductive Load 0.375''(9.5mm) Lead Leng h
Ta(℃)
4
8
0
25
50
100
125
2
6
10
0
FIG.3: TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.1
0 02
0.04
1.0
2
4
10
20
40
100
200
0.6
0 8
1.0
1.2
1.4
VF(V)
FIG.4: TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
Tj=100℃
0.01
0.1
0
20
40
60
80
100
1.0
10
100
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com