Electronic Components Datasheet Search
  English  ▼

X  

ABS36 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # ABS36
Description  Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

ABS36 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  ABS36 Datasheet HTML 1Page - First Silicon Co., Ltd ABS36 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
ABS34 ~ ABS36
2015 10 06
1/2
Revision No : 0
+
-
~
~
Surface Mount Schottky Bridge Rectifier
Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
- Schottky technology
- Ideal for automated placement
- High surge current capability
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal: Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
MECHANICAL DATA
Case: Molded plastic body
Polarity: Polarity as marked on the body
Weight: 0.09g (approximately)
TYPICAL APPLICATION
- General purpose use in ac-to-dc bridge full wave rectification for
LED bulb , also suitable for telecommunication
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
T
I
N
U
L
O
B
M
Y
S
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2
A
t
2s
TJ
°C
TSTG
°C
Note 3:
Condition to avoid thermal runaway based on the application thermal conduction,
δ=0.5
0.70
28
40
ABS36
60
42
60
mA
Rating for fusing (t<8.3ms)
26
Typical thermal resistance
0.5
- 55 to +125
A
Maximum instantaneous forward voltage (Note 1)
IF= 3 A
VF
V
RθJL
RθJA
41
83
°C/W
Maximum DC reverse current
TJ=25°C
at rated DC blocking voltage (Note 2)
TJ=100°C
TJ=125°C
IR
0.50
Maximum DC blocking voltage
3
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
Peak forward surge current, 8 3 ms single half sine-wave
superimposed on rated load
IFSM
80
40
PARAMETER
Maximum repetitive peak reverse voltage
Maximum RMS voltage
ABS34
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25℃ unless otherwise noted)
- 55 to +150
10
-
-
10
Note 2: Pulse Test with PW=40ms
Operating junction temperature range (Note 3)
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300
μs, 1% duty cycle


Similar Part No. - ABS36

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
ABS36-3TT FIBOX-ABS36-3TT Datasheet
79Kb / 2P
Enclosure, ABS
19.01.2023
More results

Similar Description - ABS36

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
logo
Gaomi Xinghe Electronic...
SR130SF GXELECTRONICS-SR130SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
logo
GOOD-ARK Electronics
SK12 GOOD-ARK-SK12_15 Datasheet
155Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 1.0 Ampere
MB12S GOOD-ARK-MB12S Datasheet
173Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
MB22S GOOD-ARK-MB22S Datasheet
105Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
logo
First Silicon Co., Ltd
ABS26S FS-ABS26S Datasheet
241Kb / 3P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 60 Volts Forward Current 2.0 Ampere
ABS110S FS-ABS110S Datasheet
353Kb / 3P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 100 Volts Forward Current 1.0 Ampere
SB520 FS-SB520 Datasheet
321Kb / 2P
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
MB12S FS-MB12S Datasheet
114Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
MB22S FS-MB22S Datasheet
142Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com