Electronic Components Datasheet Search
  English  ▼

X  

ABS36 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # ABS36
Description  Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

ABS36 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  ABS36 Datasheet HTML 1Page - First Silicon Co., Ltd ABS36 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2015 10 06
2/2
Revision No : 0
RATINGS AND CHARACTERISTIC CURVES
(TA=25 unless ontherwise noted)
ABS34 ~ ABS36
0
1
2
3
4
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
ABS34
ABS36
0
25
50
75
100
0
0
1
0
1
1
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAX MUM NON-REPETITIVE FORWARD
SURGE CURRENT
8 3ms Single Half
Sine-Wave
0 001
0 01
0.1
1
10
100
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=100°C - ABS34
TJ=125°C - ABS36
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 4 TYPICAL JUNCTION CAPACITANCE
f=1MHz
Vsig=50mVp-p
0.1
1
10
0
0.2
0.4
0 6
0.8
1
FORWARD VOLTAGE (V)
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
TJ=100°C
40V
60V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com