Electronic Components Datasheet Search
  English  ▼

X  

40EPF02 Datasheet(PDF) 5 Page - International Rectifier

Part # 40EPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF02 Datasheet(HTML) 5 Page - International Rectifier

  40EPF02 Datasheet HTML 1Page - International Rectifier 40EPF02 Datasheet HTML 2Page - International Rectifier 40EPF02 Datasheet HTML 3Page - International Rectifier 40EPF02 Datasheet HTML 4Page - International Rectifier 40EPF02 Datasheet HTML 5Page - International Rectifier 40EPF02 Datasheet HTML 6Page - International Rectifier 40EPF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
40EPF.. QUIET
IR Series
Bulletin I2114 rev. B 07/01
www.irf.com
Fig. 14 - Thermal Impedance ZthJCCharacteristics
Fig. 12 - Recovery Current Characteristics, T
J = 25°C
Fig. 13 - Recovery Current Characteristics, T
J = 150°C
Fig. 10 - Recovery Charge Characteristics, T
J = 25°C
Fig. 11 - Recovery Charge Characteristics, T
J = 150°C
0
2
4
6
8
10
0
40
80
120
160
200
R ate Of F all Of F orward Current - di/dt (A/ s )
1 A
5 A
10 A
I
= 80 A
FM
40E P F .. S eries
T
= 150 C
J
20 A
40 A
0
1
2
3
4
0
40
80
120
160
200
R ate Of F all Of F orward Current - di/dt (A/ s )
1 A
5 A
10 A
I
= 80 A
FM
20 A
40 A
40E P F .. S eries
T
= 25 C
J
0
10
20
30
40
50
0
40
80
120
160
200
R ate Of F all Of F orward Current - di/dt (A/ s )
1 A
5 A
10 A
40E P F .. S eries
T
= 150 C
J
I
= 80 A
FM
20 A
40 A
0
5
10
15
20
25
0
40
80
120
160
200
R ate Of F all Of F orward Current - di/dt (A/ s )
1 A
5 A
10 A
I
= 80 A
FM
20 A
40 A
40E P F .. S eries
T
= 25 C
J
0.01
0.1
1
0.0001
0.001
0 .01
0.1
1
Square W ave P uls e Duration (s )
S teady S tate Value
(DC Operation)
40E P F .. S eries
Si ngle P uls e
D = 0 .50
D = 0 .33
D = 0 .25
D = 0 .17
D = 0 .08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com