Electronic Components Datasheet Search
  English  ▼

X  

40EPF02 Datasheet(PDF) 6 Page - International Rectifier

Part # 40EPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF02 Datasheet(HTML) 6 Page - International Rectifier

  40EPF02 Datasheet HTML 1Page - International Rectifier 40EPF02 Datasheet HTML 2Page - International Rectifier 40EPF02 Datasheet HTML 3Page - International Rectifier 40EPF02 Datasheet HTML 4Page - International Rectifier 40EPF02 Datasheet HTML 5Page - International Rectifier 40EPF02 Datasheet HTML 6Page - International Rectifier 40EPF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
40EPF.. QUIET
IR Series
Bulletin I2114 rev. B 07/01
www.irf.com
Outline Table
Dimensions in millimeters and inches
Ordering Information Table
40
E
P
F
06
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
P = TO-247AC (Modified)
4
-
Type of Silicon:
F = Fast diode
5
-
Voltage code: Code x 100 = V
RRM
02 = 200V
04 = 400V
06 = 600V
15.90 (0.626)
15.30 (0.602)
14 .20 (0 .559 )
14. 80 ( 0.583)
3. 70 (0 .145)
4. 30 (0 .170)
5.30 ( 0.208)
5. 70 (0.225)
5.50 ( 0.217)
4. 50 (0 .177)
(2 PLCS.)
3. 55 (0 .13 9)
3. 65 (0 .14 4)
2. 20 (0.08 7)
MAX.
1. 00 (0.03 9)
1. 40 (0 .05 6)
0. 40 (0.213)
0.80 ( 0.032)
4.70 ( 0.185)
5. 30 (0 .209)
1.5 ( 0.059)
2.5 ( 0.098)
2. 40 (0.095)
MAX.
10.86 (0 .427 )
10. 94 ( 0.430)
20 .30 (0.800 )
19 .70 (0.775 )
1
3
DIA.
1
CATHODE
ANODE
3
2
BASE
CATHODE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com