Electronic Components Datasheet Search
  English  ▼

X  

420LE35 Datasheet(PDF) 2 Page - Protek Devices

Part # 420LE35
Description  TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420LE35 Datasheet(HTML) 2 Page - Protek Devices

  420LE35 Datasheet HTML 1Page - Protek Devices 420LE35 Datasheet HTML 2Page - Protek Devices 420LE35 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.protekdevices.com
05048.R3 11/03
420LE28
thru
420LB60
DEVICE CHARACTERISTICS
INSTALLATION INSTRUCTIONS
There are five (5) terminals on the LINE SIDE and five (5) terminals on
the EQUIPMENT SIDE of the 420LE, 4 data lines and one ground. Both
grounds are connected together internally. A single low impedance is
ground sufficient. Incoming data lines are cut or disconnected from the
equipment to insert the 420LE/B products. The incoming lines are to be
connected to the line side terminals as the equipment side lines are
connected to the equipment side terminals. The location of the product
should be as close to the equipment as possible. The 420LE/B series is
designed with a short circuit failure mode to give maximum protection. A
fuse, fussable link, or circuit breaker is recommended for each data/
signal line on the input side for those that require an open circuit failure
mode.
Caution: A low DC resistance ground may not be indicative of a good
lightning ground. Lightning contains a broad spectrum of frequencies up
to 1 MHz. A low impedance path to ground at the transient frequencies is
necessary. A ground strap is recommended or a #6 AWG stranded wire.
For wire lengths over 1.5 meters, there may be some excessive line to
earth potential under severe thunderstorm conditions.
28.0
35.0
60.0
28.0
35.0
60.0
PROTEK
PART
NUMBER
MAXIMUM
OPERATING
LINE VOLTAGE
V
OP
± VOLTS
MAXIMUM
LEAKAGE
CURRENT
@ V
OP
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(8/20µs)
@2,000A
V
C
VOLTS
MAXIMUM
CAPACITANCE
@ 0V, 1 MHz
C
pF
MAXIMUM
LINE THRUPUT
RESISTANCE
R
OHMS
40
60
85
40
60
85
5.0
5.0
5.0
5.0
5.0
5.0
420LE28
420LE35
420LE60
420LB28
420LB35
420LB60
2800
1500
1000
2800
1500
1000
12
12
12
12
12
12
ELECTRICAL CHARACTERISTICS @ 250C Ambient Temperature
MAXIMUM RATINGS @ 250C
Operating Line Current
100mA
Operating Temperature
-55 to 100
0C
Storage Temperature
-55 to 100
0C
Transient Source Voltage
6kV
Transient Current (8/20µs)
10kA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com