Electronic Components Datasheet Search
  English  ▼

X  

420LE35 Datasheet(PDF) 3 Page - Protek Devices

Part # 420LE35
Description  TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420LE35 Datasheet(HTML) 3 Page - Protek Devices

  420LE35 Datasheet HTML 1Page - Protek Devices 420LE35 Datasheet HTML 2Page - Protek Devices 420LE35 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.protekdevices.com
05048.R3 11/03
420LE28
thru
420LB60
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein
without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement
concerning selection and specifications is the buyer’s and that in furnishing engineering and technical assistance,
ProTek assumes no responsibility with respect to the selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Mounting Hole for #8 Screw
2.25” MAX
(57.2mm)
1.19” MAX
(30.2mm)
#6 Screw
0.61” MAX
(15.5mm)
Adhesive Mylar Label
Terminal Screw
Terminal Strip
3.8” MAX
(96.5mm)
1.125”
(28.575mm)
420LE CASE OUTLINE
3.25”±0.015”
(82.6mm±0.38mm)
OUTPUT
5
4
3
2
3.8” MAX
(95.5mm)
3.0” MAX
(76.2mm)
1.9” MAX
(48.2mm)
0.30” MAX
(7.6mm)
0.07
(17.8mm)
GND
2
5
Orientation Notch
CONTINUITY
INPUT
12
13
14
15
INPUT Connected to Lines
From Out Side World
OUTPUT Connected to
Transmit/Receiver Circuits
NOTE: I/O contacts spaced at 0.156” (3.96 mm) centers
420LB BOARD OUTLINE
0.325” MAX
(8.25mm)
12
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com