Electronic Components Datasheet Search
  English  ▼

X  

AMC3301 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments AMC3301 Datasheet HTML 16Page - Texas Instruments AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
3.0 V to 5.5 V
R4
R2
C8
AMC3301
OUTP
OUTN
VDD
DCDCgnd
DCDChgnd
INP
INN
DCDCout
Diagnostics
Resonator
and
Driver
LDO
R3
R1
C2
LDOout
LDO
DCDCin
Rectifier
0.1 …F
HLDOout
GND
HLDOin
1 nF
1 …F
0.1 …F
1 nF
1 …F
1 nF
0.1 …F
C4
C3
C11
C12
C9
C10
C6
C5
RSHUNT
I
HGND
C7
C1
16
AMC3301
SBAS917 – AUGUST 2019
www.ti.com
Product Folder Links: AMC3301
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The AMC3301 is powered from the low-side power supply (VDD) with a nominal value of 3.3 V (or 5 V) ± 10%. TI
recommends a low-ESR decoupling capacitor of 1 nF (C4 in Figure 11) placed as close as possible to the VDD
pin, followed by a 1-µF capacitor (C3) to filter this power-supply path.
The primary-side of the DC/DC converter is decoupled with low-ESR 0.1-µF capacitor (C11) positioned close to
the device between pins DCDCin and DCDCgnd. Use a combination of low-ESR, 100-nF capacitor (C12) placed
as close as possible to the DCDCout and DCDChgnd pins, followed by a 1-µFcapacitor (C10) for decoupling of
the secondary side. The secondary-side ground reference DCDChgnd and HGND pins are connected to one end
of the shunt resistor, that is also connected to the negative input (INN) of the device. If a four-pin shunt is used,
the device inputs are connected to the inner leads, while HGND and DCDChgnd are connected to one of the
outer leads of the shunt.
For the secondary-side LDO, use low-ESR capacitors of 1nF (C9), placed as close as possible to the HLDOin
pin and a combination of low-ESR 1-nF (C6) and 100-nF (C5) decoupling capacitors. Place C6 as close as
possible to the HLDOout pin.
See the Layout Guidelines section for the corresponding layout recommendation.
Figure 11. AMC3301 Power Supply Decoupling Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com