Electronic Components Datasheet Search
  English  ▼

X  

AMC3301 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments AMC3301 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
6500
Applied Voltage (V
RMS)
Working Isolation Voltage = 1000 V
RMS
Projected Insulation Lifetime = 1184 Yrs
T
A upto 150
oC
Applied Voltage Frequency = 60 Hz
TDDB Line (< 1 ppm Fail Rate)
20 %
87.5%
1184 Yrs
2220 Yrs
VDE Safety Margin Zone
Operating Zone
TA (°C)
0
25
50
75
100
125
150
0
100
200
300
400
500
D001
VDD = 3.6 V
VDD = 5.5 V
TA (°C)
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
1400
1600
1800
D002
10
AMC3301
SBAS917 – AUGUST 2019
www.ti.com
Product Folder Links: AMC3301
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.11 Insulation Characteristics Curves
Figure 2. Thermal Derating Curve for Safety-Limiting
Current per VDE
Figure 3. Thermal Derating Curve for Safety-Limiting
Power per VDE
TA up to 150°C, stress-voltage frequency = 60 Hz,
isolation working voltage = 1000 VRMS, operating lifetime = 1184 years
Figure 4. Reinforced Isolation Capacitor Lifetime Projection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com