Electronic Components Datasheet Search
  English  ▼

X  

LT1815 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1815
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1815 Datasheet HTML 12Page - Linear Technology LT1815 Datasheet HTML 13Page - Linear Technology LT1815 Datasheet HTML 14Page - Linear Technology LT1815 Datasheet HTML 15Page - Linear Technology LT1815 Datasheet HTML 16Page - Linear Technology LT1815 Datasheet HTML 17Page - Linear Technology LT1815 Datasheet HTML 18Page - Linear Technology LT1815 Datasheet HTML 19Page - Linear Technology LT1815 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1815
LT1816/LT1817
181567fa
PACKAGE DESCRIPTIO
1.50 – 1.75
(NOTE 4)
2.60 – 3.00
0.25 – 0.50
TYP 5 PLCS
NOTE 3
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S5 SOT-23 0502
PIN ONE
2.80 – 3.10
(NOTE 4)
0.95 BSC
1.90 BSC
0.90 – 1.30
0.90 – 1.45
0.00 – 0.15
0.20 BSC
0.35 – 0.55 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
ATTENTION: ORIGINAL SOT23-5L PACKAGE.
MOST SOT23-5L PRODUCTS CONVERTED TO THIN SOT23
PACKAGE, DRAWING # 05-08-1635 AFTER APPROXIMATELY
APRIL 2001 SHIP DATE
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
1.50 – 1.75
(NOTE 4)
2.60 – 3.00
0.25 – 0.50
TYP 6 PLCS
NOTE 3
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 SOT-23 0502
2.80 – 3.10
(NOTE 4)
0.95 BSC
1.90 BSC
0.90 – 1.30
0.90 – 1.45
0.09 – 0.15
NOTE 3
0.20 BSC
0.35 – 0.55 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
ATTENTION: ORIGINAL SOT23-6L PACKAGE.
MOST SOT23-6L PRODUCTS CONVERTED TO THIN SOT23
PACKAGE, DRAWING # 05-08-1636 AFTER APPROXIMATELY
APRIL 2001 SHIP DATE
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
S5 Package
5-Lead Plastic SOT-23
(Reference LTC DWG # 05-08-1633)
(Reference LTC DWG # 05-08-1635)
S6 Package
6-Lead Plastic SOT-23
(Reference LTC DWG # 05-08-1634)
(Reference LTC DWG # 05-08-1636)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com