Electronic Components Datasheet Search
  English  ▼

X  

LT1815 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1815
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 4 Page - Linear Technology

  LT1815 Datasheet HTML 1Page - Linear Technology LT1815 Datasheet HTML 2Page - Linear Technology LT1815 Datasheet HTML 3Page - Linear Technology LT1815 Datasheet HTML 4Page - Linear Technology LT1815 Datasheet HTML 5Page - Linear Technology LT1815 Datasheet HTML 6Page - Linear Technology LT1815 Datasheet HTML 7Page - Linear Technology LT1815 Datasheet HTML 8Page - Linear Technology LT1815 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1815
LT1816/LT1817
181567fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT
Maximum Output Current
VOUT = ±3V, 30mV Overdrive
±50
±80
mA
TA = 0°C to 70°C
q
±45
mA
TA = – 40°C to 85°C
q
±40
mA
Maximum Output Current
LT1815S6/LT1816A; 40k
Ω Between ISET and V–;
(Low Power Mode) (Note 10)
VOUT = ±3V, 30mV Overdrive
±50
±75
mA
TA = 0°C to 70°C
q
±40
mA
TA = –40°C to 85°C
q
±30
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Note 3)
±100
±200
mA
TA = 0°C to 70°C
q
±90
mA
TA = –40°C to 85°C
q
±70
mA
SR
Slew Rate
AV = –1 (Note 5)
900
1500
V/
µs
TA = 0°C to 70°C
q
750
V/
µs
TA = – 40°C to 85°C
q
600
V/
µs
FPBW
Full-Power Bandwidth
6VP-P (Note 6)
80
MHz
GBW
Gain-Bandwidth Product
f = 200kHz, RL = 500Ω, LT1815
150
220
MHz
TA = 0°C to 70°C
q
140
MHz
TA = – 40°C to 85°C
q
130
MHz
f = 200kHz, RL = 500Ω, LT1816/LT1817
140
220
MHz
TA = 0°C to 70°C
q
130
MHz
TA = – 40°C to 85°C
q
120
MHz
Gain-Bandwidth Product
LT1815S6/LT1816A; 40k
Ω Between ISET and V–;
(Low Power Mode) (Note 10)
f = 200kHz, RL = 500Ω
35
55
MHz
TA = 0°C to 70°C
q
30
MHz
TA = – 40°C to 85°C
q
25
MHz
–3dB BW –3dB Bandwidth
AV = 1, RL = 500Ω
350
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
1ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V, RL = 100Ω
1.4
ns
OS
Overshoot
AV = 1, 0.1V; RL = 100Ω
25
%
tS
Settling Time
AV = – 1, 0.1%, 5V
15
ns
THD
Total Harmonic Distortion
AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–70
dB
dG
Differential Gain
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.08
%
dP
Differential Phase
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.04
Deg
ROUT
Output Resistance
AV = 1, f = 1MHz
0.20
Ω
IS
Supply Current
LT1815
6.5
7
mA
TA = 0°C to 70°C
q
9mA
TA = – 40°C to 85°C
q
10
mA
LT1816/LT1817, per Amplifier
6.5
7.8
mA
TA = 0°C to 70°C
q
10.5
mA
TA = – 40°C to 85°C
q
11.5
mA
Supply Current (Low Power Mode)
LT1815S6/LT1816A, 40k
Ω Between ISET and V–,
(Note 10)
per Amplifier
1
1.5
mA
TA = 0°C to 70°C
q
1.8
mA
TA = – 40°C to 85°C
q
2.0
mA
ISET
ISET Pin Current (Note 10)
LT1815S6/LT1816A
–150
– 100
µA
TA = 0°C to 70°C
q
–175
µA
TA = – 40°C to 85°C
q
–200
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 8). VS = ±5V, VCM = 0V unless otherwise noted. For the
programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V– through 75Ω or less, unless
otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com