Electronic Components Datasheet Search
  English  ▼

X  

WLB92 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLB92
Description  WLB92 Industrial LED Light Bar (AC Conduit)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB92 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLB92 Datasheet HTML 1Page - Banner Engineering Corp. WLB92 Datasheet HTML 2Page - Banner Engineering Corp. WLB92 Datasheet HTML 3Page - Banner Engineering Corp. WLB92 Datasheet HTML 4Page - Banner Engineering Corp. WLB92 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1100 mm Models - Daylight White and Warm White
180°
2200
1833
1467
1100
733
367
0
367
733
1100
1467
200 lux
150 lux
100 lux
75 lux
50 lux
25 lux
Mount height of 3 meters (3 m)
10 lux
5 lux
1833
2200
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
5,060 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 96.7°
Horizontal Spread: 132.3°
1.12 m 2.26 m
2.25 m 4.53 m
3.37 m 6.79 m
4.50 m 9.06 m
1,870 lux
932 lux
524 lux
5.62 m 11.32 m
335 lux
6.74 m 13.58 m
233 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
6
6
6
3
3
3
0 m
0 m
3
6
Vertical Angle:
0° Vertical
90° Horizontal
50% max.
candela
Dimensions
104
[4.1]
97
[3.8]
45
[1.8 ]
L1
L2
22.2 [0.88]
Model
L1
L2
WLB92ZC...550ACT
543 mm (21.4 in)
651 mm (25.6 in)
WLB92ZC...1100ACT
1098 mm (43.2 in)
1206 mm (47.5 in)
Accessories
Brackets
LMBWLB92
•
Standard bracket that ships with the WLB92
light
•
Stainless steel
•
Includes two surface mount brackets, four
screws, and four t-nuts
4 x Ø7
9.7
150
25.4
LMBWLB92CLIP
•
Snap clip allows for tool-less installation
•
Stainless steel
•
Includes four snap clips, four screws, and two
insulator caps
Ø6.5
89
20
WLB92 Industrial LED Light Bar (AC Conduit)
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 183985 Rev. I



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com