Electronic Components Datasheet Search
  English  ▼

X  

WLB92 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLB92
Description  WLB92 Industrial LED Light Bar (AC Conduit)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB92 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLB92 Datasheet HTML 1Page - Banner Engineering Corp. WLB92 Datasheet HTML 2Page - Banner Engineering Corp. WLB92 Datasheet HTML 3Page - Banner Engineering Corp. WLB92 Datasheet HTML 4Page - Banner Engineering Corp. WLB92 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications
Supply Voltage
Nominal voltage: 120 V ac to 277 V ac, 60 Hz in North America
Nominal voltage: 100 V ac to 277 V ac, 50/60 Hz outside North America
Power factor: > 0.95 at 120 V ac and > 0.90 at 277 V ac
Total harmonic distortion (THD): < 20%
See electrical characteristics on product label
Supply Current
Lighted
Length (mm)
Max. Current
Draw (A) at
90 V ac
Typical Current Draw (A)
120 V ac
230 V ac
277 V ac
550
0.425
0.270
0.145
0.135
1100
0.850
0.540
0.285
0.250
Supply Protection Circuitry
Protected against transient voltages
Dimming
Compatible with 0–10 V analog LED dimming, dimmable to 10% intensity
Compatible dimmers are listed in the Accessories section.
Construction
Anodized aluminum housing, polycarbonate window and end caps, and stainless steel
mounting brackets
Spacing Criterion
Vertical: 1.20
Horizontal: 1.32
Mounting
Surface mount brackets included (2)
Compatible with integral 45 mm aluminum framing mounting slots
Several optional mounting brackets available (see Accessories)
Connections
1/2-inch trade size conduit knockout
Environmental Rating
IEC IP40
Light Characteristics
Daylight White and Warm White Efficacy: 110 lumens/watt typical at 120 V ac at 25 °C
(77 °F)
CRI: 82, typical
Color
Dominant Wavelength (nm)
or Color Temperature
(CCT)
Lighted Length Lumens
(Typical at 25 °C)
550 mm
1100 mm
Daylight
White
5000 K (±300 K)
3510
7150
Warm
White
3000 K
(+225 K, -125 K)
3510
7150
Green
525 nm
1430
2975
Red
625 nm
745
1545
Yellow
590 nm
620
1295
Blue
470 nm
405
840
LED Lifetime
Lumen Maintenance - L70
When operating within specifications, output will decrease less than 30% after 50,000
hours.
Test Data
LM-79, LM-80, TM-21
Operating Temperature for 550 mm Lighted Length Models
Surface Mount Installation: –35 °C to +50 °C (–31 °F to +122 °F) for 24 hours per day
for 5 years of operation
Hanging Installation (> 0.5 m from ceiling): –35 °C to +50 °C (–31 °F to +122 °F) for 24
hours per day for 5 years of operation
Operating Temperature for 1100 mm Lighted Length Models
Surface Mount Installation: –40 °C to +45 °C (–40 °F to +113 °F) for 16 hours per day
for 5 years of operation; or –40 °C to +35 °C (–40 °F to +95 °F) for 24 hours per day for
5 years of operation
Hanging Installation (> 0.5 m from ceiling): –40 °C to +50 °C (–40 °F to +122 °F) for 16
hours per day for 5 years of operation; or –40 °C to +45 °C (–40 °F to +113 °F) for 24
hours per day for 5 years of operation
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 0.5 mm peak-to-peak amplitude per IEC 60068-2-6
Shock: 5G 11 ms duration, half sine wave per IEC 60068-2-27
Application Notes
When connecting continuous run/cascadable lights in series, it is important not to
exceed maximum current limitations of 14 AWG, 75 °C wire, in accordance with the
National Electrical Code (NEC) and any applicable local code requirements.
Certifications
Spacing Criteria (SC)
The spacing criteria is the fixture-spacing-to-mounting-height ratio and aids in laying out a pattern of fixtures. Multiply the spacing criteria by the
mounting height to get the maximum fixture spacing that still provides even illumination (no shadowing between fixtures).
Luminaire Spacing = SC × Height to Illuminated Plane
The mounting height is the distance from the fixture to the surface you are lighting.
Performance Curves
550 mm Models - Daylight White and Warm White
180°
1100
917
733
550
367
183
0
183
367
550
733
100 lux
75 lux
50 lux
40 lux
30 lux
20 lux
Mount height of 3 meters (3 m)
10 lux
5 lux
917
1100
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
3,630 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 94.2°
Horizontal Spread: 133.6°
1.08 m 2.33 m
2.15 m 4.67 m
3.23 m 7.00 m
4.30 m 9.33 m
1,117 lux
496 lux
279 lux
5.38 m 11.67 m
179 lux
6.45 m 14.00 m
124 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
6
6
6
3
3
3
0 m
0 m
3
6
Vertical Angle:
0° Vertical
90° Horizontal
50% max.
candela
WLB92 Industrial LED Light Bar (AC Conduit)
P/N 183985 Rev. I
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com