Electronic Components Datasheet Search
  English  ▼

X  

WLS27 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Multicolor LED Strip Light with EZSTATUS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
This guide is designed to help you set up and install the WLS27 Multicolor LED Strip Light. For complete information on programming, performance,
troubleshooting, dimensions, and accessories, please refer to the Instruction Manual at
www.bannerengineering.com. Search for p/n 201896 to view
the Instruction Manual. Use of this document assumes familiarity with pertinent industry standards and practices.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde www.bannerengineering.com
toda la documentación técnica de los WLS27 Multicolor LED Strip Light, disponibles en múltiples idiomas, para detalles del
uso adecuado, aplicaciones, advertencias, y las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation technique
complète des WLS27 Multicolor LED Strip Light sur notre site www.bannerengineering.com pour les détails sur leur utilisation
correcte, les applications, les notes de sécurité et les instructions de montage.
Models
WLS27
Connector
Window
Lighted
Length (mm)
Colors 1-5 and Control
Cascadable
Family
C = Cascadable
X = Non-cascadable
WGRXX3 = White, Green, Red with override control
WYRXX3 = White, Yellow, Red with override control
GYRXX3 = Green, Yellow, Red with override control
WGRYB5 = White, Green, Red, Yellow, Blue with binary control
WGRXX6 = White, Green, Red with I/O Block control
WYRXX6 = White, Yellow, Red with I/O Block control
GYRXX6 = Green, Yellow, Red with I/O Block control
0285
0570
0850
1130
D = Diffused
Q = Integral 4-pin M12 QD
(mating cordset required)
X
WGRXX3
0285
D
Q
Construction
S
S = Sealed
Voltage
24
24 = 24V dc
H = Heavy Diffused
Wiring Diagrams
Male
Female
Pin
Wire Color
Description
1
4
3
2
2
3
4
1
1
Brown
Input 1
2
White
Input 3
3
Blue
dc common
4
Black
Input 2
3 Color Override Control
(Color 3 overrides Colors 1 and 2, Color 2 overrides Color 1)
Input 1: Pin 1 Brown
Wire
Input 2: Pin 4 Black
Wire
Input 3: Pin 2 White
Wire
LED Color
—
—
—
Light OFF
+24 V dc
—
—
Color 1 ON
—
+24 V dc
—
Color 2 ON
+24 V dc
+24 V dc
—
Color 2 ON
—
—
+24 V dc
Color 3 ON
+24 V dc
—
+24 V dc
Color 3 ON
—
+24 V dc
+24 V dc
Color 3 ON
+24 V dc
+24 V dc
+24 V dc
Color 3 ON
5 Color Binary Control
(Binary input state controls color)
Input 1: Pin 1
Brown Wire
Input 2: Pin 4
Black Wire
Input 3: Pin 2
White Wire
LED Color
—
—
—
Light OFF
+24 V dc
—
—
Color 1 ON
—
+24 V dc
—
Color 2 ON
—
—
+24 V dc
Color 3 ON
+24 V dc
+24 V dc
—
Color 4 ON
+24 V dc
—
+24 V dc
Color 5 ON
—
+24 V dc
+24 V dc
Light OFF
+24 V dc
+24 V dc
+24 V dc
Light OFF
WLS27 Multicolor LED Strip Light with EZ-
STATUS™
Original Document
201895 Rev. E
30 August 2019
201895


Similar Part No. - WLS27

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
567Kb / 8P
WLS27 LED Strip Light
More results

Similar Description - WLS27

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V01 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V02 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27_V04 Datasheet
173Kb / 2P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V05 Datasheet
674Kb / 8P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V06 Datasheet
567Kb / 8P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
WLS28-2 BANNER-WLS28-2_V04 Datasheet
751Kb / 6P
EZ-STATUS짰 WLS28-2 Multicolor LED Strip Light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com