Electronic Components Datasheet Search
  English  ▼

X  

WLS27 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Multicolor LED Strip Light with EZSTATUS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3 Color I/O Block Control
(Input 1 is always ON through the block)
Input 1: Pin 1 Brown Wire
Input 2: Pin 4 Black Wire
Input 3: Pin 2 White Wire
LED Color
+24 V dc
—
—
Light OFF
+24 V dc
+24 V dc
—
Color 1 ON
+24 V dc
—
+24 V dc
Color 2 ON
+24 V dc
+24 V dc
+24 V dc
Color 3 ON
Specifications
Supply Voltage
24 V dc (+ 20% / - 10%)
Use only with suitable Class 2 power supply (UL) or a SELV power supply (CE)
See electrical characteristics on product label
Lighted Length
Typical Current (A) at 25° C1
Maximum Current (A)
285 mm
0.315
0.400
570 mm
0.630
0.800
850 mm
0.945
1.200
1130 mm
1.260
1.600
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Application Notes
When connecting cascadable lights in series it is important not to exceed maximum
current limitations:
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Do not spray cable with high-pressure sprayer, or cable damage will result.
Mounting
Bracket LMBWLS27EC included (2 for lights up to 570 mm or 3 for lights 850 mm and
longer)
Construction
Clear anodized aluminum inner housing and FDA-grade copolyester outer housing
Connections
Integral 4-pin M12/Euro-style male quick disconnect
Environmental Rating
Rated IEC IP66, IEC IP67, and IP69K per DIN 40050-9
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC 60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC 60068-2-27
Operating Temperature
–40 °C to +50 °C (–40 °F to +122 °F)
Storage Temperature: –40 °C to +70 °C (–40 °F to +158 °F)
Certifications
D
Dimensions
Quick Disconnect Models
16.8
[.66]
17.6
[.69]
27.0
[1.06]
17.6
[.69]
16.8
[.66]
M12 X 1
L1
L2
L3
Cascade Models
27.0
[1.06]
16.8
[.66]
17.6
[.69]
16.8
[.66]
17.6
[.69]
M12 X 1
M12 X 1
L4
Models
L1
L2
L3
L4
WLS27..0285..
286 mm (11.3 in)
330 (13 in)
349.5 mm (13.8 in)
358 mm (14.1 in)
WLS27..0570..
569 mm (22.4 in)
612 mm (24.1 in)
631.5 mm (24.9 in)
640 mm (25.2 in)
WLS27..0850..
849 mm (33.4 in)
893 mm (35.2 in)
912.5 mm (35.9 in)
921 mm (36.2 in)
WLS27..1130..
1120 mm (44.1 in)
1164 mm (45.8 in)
1183.5 mm (46.4 in)
1192 mm (46.9 in)
1
Values shown at 25 °C - current and lumen values decrease 0.4% per 1 °C from ambient. For example, a 1130 mm unit will have a maximum current of 1.600 A at -40 °C and 1.134 A at +50 °C.
WLS27 Multicolor LED Strip Light with EZ-STATUS™
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 201895 Rev. E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com