Electronic Components Datasheet Search
  English  ▼

X  

EMG8 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # EMG8
Description  Dual NPNNPN Digital transistors (built-in resistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMG8 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  EMG8 Datasheet HTML 1Page - First Silicon Co., Ltd EMG8 Datasheet HTML 2Page - First Silicon Co., Ltd EMG8 Datasheet HTML 3Page - First Silicon Co., Ltd EMG8 Datasheet HTML 4Page - First Silicon Co., Ltd EMG8 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2016. 08. 30
4/5
Revision No : 0
EMG8
Min.
Max.
Min.
Max.
A
0.525
0.600
0.021
0.024
A1
0.000
0.050
0.000
0.002
e
0.450
0.550
0.018
0.022
c
0.090
0.160
0.004
0.006
D
1.500
1.700
0.059
0.067
b
0.170
0.270
0.007
0.011
E1
1.100
1.300
0.043
0.051
E
1.500
1.700
0.059
0.067
L
0.100
0.300
0.004
0.012
θ
7° REF.
7° REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
SOT-553 Package Outline Dimensions
SOT-553 Suggested Pad Layout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com