Electronic Components Datasheet Search
  English  ▼

X  

EMG8 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # EMG8
Description  Dual NPNNPN Digital transistors (built-in resistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMG8 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  EMG8 Datasheet HTML 1Page - First Silicon Co., Ltd EMG8 Datasheet HTML 2Page - First Silicon Co., Ltd EMG8 Datasheet HTML 3Page - First Silicon Co., Ltd EMG8 Datasheet HTML 4Page - First Silicon Co., Ltd EMG8 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
EMG8
2016. 08. 30
1/5
Revision No : 0
Dual NPN+NPN Digital transistors (built-in resistors)
FEATURES
Two DTC706 chips in a package
Mounting cost and area can be cut in half
Marking: G8
Absolute maximum ratings (Ta=25℃)
Electrical Characteristics (Ta=25℃)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Input turn-on voltag
V
e
i(on)
VCC=0.3V, IO=5mA
1.3
V
Input cut-off voltage
Vi(off)
VCC=5V, IO=100µA
0.5
V
Output voltage
VO(on)
IO=5mA, Ii=0.25mA
0.3
V
Input cut-off current
Ii
Vi =5V
1.8
mA
Output cut-off current
IO(off)
VCC=50V, Vi=0
0.5
µA
DC current gain
Gi
VO =5V, IO=10mA
80
Transition frequency
fT
VCE =10V, IC=5mA, f =100MHz
250
MHz
Input resistance
R1
3.29
6.11
K
Ω
Resistance ratio
R2/R1
8
12
Symbol
Parameter
Value
Units
VCC
Supply Voltage
50
V
Vi
Input voltage
-5~30
V
IO
Output current
100
mA
PD
Power dissipation
150
mW
TJ
Junction temperature
150
℃
Tstg
Storage temperature
-55~+150
℃
SOT-553


Similar Part No. - EMG8

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG8 ROHM-EMG8 Datasheet
71Kb / 3P
Emitter common (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
dual digital transistors ( NPN NPN)
logo
Rohm
EMG8 ROHM-EMG8 Datasheet
435Kb / 7P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
EMG8 JIANGSU-EMG8 Datasheet
990Kb / 3P
Dual Digital Transistors (NPNNPN)
logo
Rohm
EMG8 ROHM-EMG8 Datasheet
1Mb / 10P
Emitter common (dual digital transistor)
More results

Similar Description - EMG8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
NPN Digital Transistors(Built-in Resistors)
logo
Cystech Electonics Corp...
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
EMH3 SECOS-EMH3 Datasheet
279Kb / 2P
Dual NPN Digital Transistors(Built-in Resistors)
EMG11 SECOS-EMG11_18 Datasheet
73Kb / 1P
Dual NPN Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com