Electronic Components Datasheet Search
  English  ▼

X  

EMH9 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # EMH9
Description  Digital Transistors (Built-in Resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMH9 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  EMH9 Datasheet HTML 1Page - First Silicon Co., Ltd EMH9 Datasheet HTML 2Page - First Silicon Co., Ltd EMH9 Datasheet HTML 3Page - First Silicon Co., Ltd EMH9 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMH9
FEATURES
Two DTC507s chips in a package.
Transistor elements are independent, eliminating interference.
Mounting cost and area can be cut in half.
MARKING:H9
Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
V
0
5
Input voltage
VIN
V
0
4
~
6
-
IO
0
7
Output current
IC(MAX)
0
0
1
mA
Power dissipation
W
m
)
L
A
T
O
T
(
0
5
1
d
P
Junction temperature
0
5
1
j
T
Storage temperature
0
5
1
~
5
5
-
g
t
s
T
Electrical characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.3
VCC=5V ,IO=100µA
Input voltage
VI(on)
1.4
V
VO=0.3V ,IO=1 mA
Output voltage
VO(on)
0.3
V
IO/II=5mA/0.25mA
Input current
II
0.88
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
68
VO=5V ,IO=5mA
Input resistance
R1
7
10
13
K
Ω
Resistance ratio
R2/R1
3.7
4.7
5.7
Transition frequency
fT
250
MHz
VCE=10V ,IE=-5mA,f=100MHz
℃
℃
SOT-563
Dual Digital Transistors (NPN+NPN)
Digital Transistors (Built-in Resistors)
SEMICONDUCTOR
TECHNICAL DATA
EMH9
2018. 04. 19
1/4
Revision No : 0


Similar Part No. - EMH9

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH9 ROHM-EMH9 Datasheet
73Kb / 4P
General purpose (dual digital transistors)
EMH9 ROHM-EMH9 Datasheet
73Kb / 4P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
digital transistor (NPN NPN)
logo
Rohm
EMH9 ROHM-EMH9 Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
EMH9 JIANGSU-EMH9 Datasheet
5Mb / 4P
Dual Digital Transistors (NPNNPN)
More results

Similar Description - EMH9

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC363EU ROHM-DTC363EU Datasheet
105Kb / 4P
Digital transistors (built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
60Kb / 2P
Digital transistors (built-in resistors)
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZE SECOS-DTC143ZE Datasheet
205Kb / 2P
Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com