Electronic Components Datasheet Search
  English  ▼

X  

EMH9 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # EMH9
Description  Digital Transistors (Built-in Resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMH9 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  EMH9 Datasheet HTML 1Page - First Silicon Co., Ltd EMH9 Datasheet HTML 2Page - First Silicon Co., Ltd EMH9 Datasheet HTML 3Page - First Silicon Co., Ltd EMH9 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
0
1
0
1
1
1
.
0
0.1
1
10
100
0
0
1
0
1
1
10
100
1000
0
0
1
0
1
1
10
100
1000
0.0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
04
8
12
16
20
0
1
2
3
4
5
6
0
25
50
75
100
125
150
0
50
100
150
200
OFF Characteristics
ON Characteristics
Ta=25 oC
T
a=100
oC
V
O=0.3V
OUTPUT CURRENT I
O
(mA)
T
a=25
oC
T
a=100
oC
V
O=5V
G
I
—— I
O
OUTPUT CURRENT I
O
(mA)
V
O
—— I
O
T
a=25
oC
T
a=100
oC
I
O/II=20
OUTPUT CURRENT I
O
(mA)
T
a=100
oC
T
a=25
oC
V
CC=5V
INPUT VOLTAGE V
I
(V)
f=1MHz
T
a=25
oC
C
O
—— V
R
REVERSE BIAS VOLTAGE V
R
(V)
P
D
—— T
a
AMBIENT TEMPERATURE T
a
(oC)
Typical Characteristics
EMH9
2018. 04. 19
2/4
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com