Electronic Components Datasheet Search
  English  ▼

X  

EMZ1 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # EMZ1
Description  Dual NPNPNP transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMZ1 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  EMZ1 Datasheet HTML 1Page - First Silicon Co., Ltd EMZ1 Datasheet HTML 2Page - First Silicon Co., Ltd EMZ1 Datasheet HTML 3Page - First Silicon Co., Ltd EMZ1 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
EMZ1
2017. 08. 30
1/4
Revision No : 0
SOT-563
Dual NPN+PNP transistors
FEATURES
Marking: Z1
Equivalent circuit
1
FTC2412 and FTA1037 are housed independently in a package
Transistor elements independent, eliminating interference
Mounting cost and area can be cut in half
Z1
TR1 NPN and TR2 PNP Absolute Maximum Ratings (Ta=25
unless otherwise noted)
Value
a
r
a
P
l
o
b
m
y
S
meter
TR1
TR2
Unit
VCBO
Collector-Base Voltage
60
-60
V
VCEO
Collector-Emitter Voltage
50
-50
V
VEBO
Emitter-Base Voltage
7
-6
V
IC
Collector Current
150
-150
mA
PC
Collector Power Dissipation
150(Total)*
mW
RθJA
Thermal Resistance from Junction to Ambient
833
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~+150
℃
*120mW per element must not be exceeded


Similar Part No. - EMZ1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
102Kb / 5P
General purpose transistor (dual transistors)
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
Silicon Epitaxial Planar
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
logo
Jiangsu Changjiang Elec...
EMZ1 JIANGSU-EMZ1 Datasheet
814Kb / 4P
Dual Transistors (NPNPNP)
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor
More results

Similar Description - EMZ1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMD9 HTSEMI-EMD9 Datasheet
627Kb / 2P
dual digital transistors (NPN PNP)
logo
SeCoS Halbleitertechnol...
UMH13N SECOS-UMH13N_15 Datasheet
131Kb / 1P
Dual NPNPNP Digital Transistors
logo
Jiangsu Changjiang Elec...
EMY1 JIANGSU-EMY1 Datasheet
754Kb / 4P
Dual Transistors (PNPNPN)
EMD22 JIANGSU-EMD22 Datasheet
4Mb / 4P
Dual Digital Transistors (NPNPNP)
EMD12 JIANGSU-EMD12 Datasheet
5Mb / 6P
Dual Digital Transistors (NPNPNP)
EMD10 JIANGSU-EMD10 Datasheet
4Mb / 4P
Dual Digital Transistors (NPNPNP)
EMZ1 JIANGSU-EMZ1 Datasheet
814Kb / 4P
Dual Transistors (NPNPNP)
EMF5 JIANGSU-EMF5 Datasheet
798Kb / 4P
Dual Transistors (PNPNPN)
UMY1N JIANGSU-UMY1N Datasheet
619Kb / 4P
Dual Transistors (PNPNPN)
EMF23 JIANGSU-EMF23 Datasheet
4Mb / 4P
Dual Transistors (PNPNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com