Electronic Components Datasheet Search
  English  ▼

X  

EMZ1 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # EMZ1
Description  Dual NPNPNP transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMZ1 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  EMZ1 Datasheet HTML 1Page - First Silicon Co., Ltd EMZ1 Datasheet HTML 2Page - First Silicon Co., Ltd EMZ1 Datasheet HTML 3Page - First Silicon Co., Ltd EMZ1 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2017. 08. 30
2/4
Revision No : 0
EMZ1
TR1 NPN ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
U
nit
Collector-base breakdown voltage
V(BR)CBO IC=50μA,IE=0
0
6
V
Collector-emitter breakdown voltage
V(BR)CEO IC=1mA,IB=0
0
5
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5 A
m
0.4
V
Transition frequency
fT
VCE=12V,IC=2mA,f=100MHz
180
MHz
Collecto r output capacitance
Cob
VCB=12V,IE=0,f=1MHz
3.5
pF
TR2 PNP ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
M
ax
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-50μA,IE=0
0
6
-
V
Collector-emitter breakdown voltage
V(BR)CEO IC=-1mA,IB=0
0
5
-
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA,IC=0
6
-
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-6V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-6V,IC=-1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=-50mA,IB=-5mA
-0.5
V
Transition frequency
fT
VCE=-12V,IC=-2mA,f=100MHz
140
MHz
Collector output capacitance
Cob
VCB=-12V,IE=0,f=1MHz
5
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com