Electronic Components Datasheet Search
  English  ▼

X  

FA358F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA358F
Description  DUAL OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA358F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA358F Datasheet HTML 1Page - First Silicon Co., Ltd FA358F Datasheet HTML 2Page - First Silicon Co., Ltd FA358F Datasheet HTML 3Page - First Silicon Co., Ltd FA358F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DUAL OPERATIONAL AMPLIFIER
In the Linear Mode the Input Common Mode Voltage Range Includes Ground.
Two Internally Compensated OP Amps are in Single Package.
Low Power Dissipation and Power Drain Suitable for Battery Operation.
Differential Input Voltage Range Equal to the Power Supply Voltage.
Wide Power Supply Voltage Range and Signal Power Supply
: Single Supply 3VDC to 36VDC Dual Supplies
1.5VDC to
18VDC
Large Output Voltage Swing : 0VDC to VCC-1.5VDC
Low Input Biasing Current : II=45nADC (Typ.)
Possible to Exchange the Position of Pin⑨ for Pin①
Because of Pin Connection Being Symmetric. (FA358S only)
The Pin① and Pin⑨ of Lead Frame was Each Other Connected. (FA358S Only)
1
2
3
4
8
7
6
5
FA358F
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
FA358S
123
4
-
A
B
5
9
8
7
6
A
+IN A
-IN A
EE
V
4
3
2
-
+
FA358P
PIN CONNECTION (TOP VIEW)
OUT A
1
-
+
B
+IN B
OUT B
-IN B
5
6
7
CC
8
V
SEMICONDUCTOR
TECHNICAL DATA
FA358P/S/F
8
5
1
4
Q
DIP-8
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3.8 0.3
0 - 15
1.52 0.1
W
9.6 0.2
6.45 0.2
0.46 0.1
0.50 MIN
3.3 0.3
2.54
0.25+0.1/-0.05
7.62
Q
+
_
+
_
+
_
+
_
+
_
+
_
SIP-9
T
P
d
D
1
9
A
B
DIM
MILLIMETERS
A
B
D
P
G
H
22.48 0.2
3.2 0.2
1.2 0.25
1.95 0.2
7.7 0.3
2.54
3.2 0.3
L
T
0.25+0.1/-0.05
d
0.5 0.1
+
_
+
_
+
_
+
_
+
_
+
_
+
_
SOP-8
L
1
4
5
8
P
D
A
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
2014. 05. 20
1/4
Revision No : 2


Similar Part No. - FA358F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FA358DFN22 FS-FA358DFN22 Datasheet
408Kb / 5P
DUAL OPERATIONAL AMPLIFIER
FA358SOT FS-FA358SOT Datasheet
402Kb / 4P
Single Operational Amplifier
More results

Similar Description - FA358F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com