Electronic Components Datasheet Search
  English  ▼

X  

FA358F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FA358F
Description  DUAL OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA358F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FA358F Datasheet HTML 1Page - First Silicon Co., Ltd FA358F Datasheet HTML 2Page - First Silicon Co., Ltd FA358F Datasheet HTML 3Page - First Silicon Co., Ltd FA358F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
SUPPLY VOLTAGE V
(V)
V
- I
CC
0
10
20
30
40
I
25
50
75
100
Ta=25 C
2
0
SUPPLY VOLTAGE V
(V)
20
30
AMBIENT TEMPERATURE Ta ( C)
CC
0
40
I
- Ta
SOURCE
V
- G
-20
20
60
40
10
0
40
30
20
10
0
80
30
120
80
160
SUPPLY VOLTAGE V
(V)
R =20kΩ
R =2kΩ
L
L
0
40
50
60
70
100
80
60
40
20
0
1k
1M
100k
10k
100
FREQUENCY f (Hz)
CMRR - f
+
CC
I
CC
V
mA
V
- I
CC
CC
3
1
4
40
CC
Ta=0~125℃
Ta=-40 C
CC
V
CC
ISOURCE
+
120
120
G - f
FREQUENCY f ( Hz)
0
100
1k
100k
10
0
20
40
60
80
100
10k
1M
140
10M
V
V
0
3
=
V
V
5
1
~
0
1
=
V
0 1uF
V
VIN
10MΩ
VOUT
+
CC
2
VCC
_
_
_
2014. 05. 20
3/4
FA358P/S/F
Revision No : 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com