Electronic Components Datasheet Search
  English  ▼

X  

MBF110PFWLPES Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MBF110PFWLPES
Description  Solid-State Fingerprint Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBF110PFWLPES Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MBF110PFWLPES Datasheet HTML 5Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 6Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 7Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 8Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 9Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 10Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 11Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 12Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Pr
eliminar
y
MBF110
Fujitsu Microelectronics, Inc.
5
RAH (A3-A0 Address 0001) Write Only
High Order Row Address Register
Bit 0 of this register and RAL form the 9-bit RowAddress Register
that selects the row to be converted.The L1 and L2 bits control two
open-drain outputs that can be used to drive LEDs.
MSB
LSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
L1
L2
–––––
RA8
Bit Number
Bit Name
Function
7L1
L1=0, LED1 output low
L1=1, LED1 output high-Z
6L2
L2=0, LED 2 output low
L2=1, LED 2 output high-Z
[5:1]
–
Reserved, write 0 to these bits.
0
RA8
MSB of Row Address
CAL (A3-A0 Address 0010) Read/Write
Low Order Column Address Register
CAL is a read/write register. Writing to this address writes to the
low-order 8 bits of the 9-bit ColumnAddress Register.The 9-bit
ColumnAddress Register selects a column from 0 through 299.
Writing to CAL causes the analog-to-digital (A/D) converter to
begin digitizing its input.The input of theA/D converter is selected
by bits 7 and 6 of the CAH register.The user should wait until the
row capture is completed before writing to the CAL.
Reading from this address returns the output of theA/D converter.
After writing to CAL, the user should wait untilA/D conversion
completes before reading theA/D converter.
MSB
LSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
Bit Number
Bit Name
Function
[7:0]
CA[7:0]
(WRITE) Low eight bits of Column Address Register.
(READ) Output of A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com