Electronic Components Datasheet Search
  English  ▼

X  

LM4980 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4980
Description  2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4980 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4980 Datasheet HTML 1Page - National Semiconductor (TI) LM4980 Datasheet HTML 2Page - National Semiconductor (TI) LM4980 Datasheet HTML 3Page - National Semiconductor (TI) LM4980 Datasheet HTML 4Page - National Semiconductor (TI) LM4980 Datasheet HTML 5Page - National Semiconductor (TI) LM4980 Datasheet HTML 6Page - National Semiconductor (TI) LM4980 Datasheet HTML 7Page - National Semiconductor (TI) LM4980 Datasheet HTML 8Page - National Semiconductor (TI) LM4980 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4980
2 Cell Battery, 1mA, 42mW Per Channel High Fidelity
Stereo Headphone Audio Amplifier for MP3 players
General Description
The LM4980 is a stereo headphone audio amplifier, which
when connected to a 3.0V supply, delivers 42mW to a 16
Ω
load with less than 1% THD+N. With the LM4980 packaged
in the SD package, the customer benefits include low profile
and small size. This package minimizes PCB area and maxi-
mizes output power.
The LM4980 features circuitry that significantly reduces out-
put transients (“clicks” and “pops”) while driving headphones
during device turn-on and turn-off without costly external
additional circuitry. The LM4980 also includes an externally
controlled low-power consumption active-low shutdown
mode, and thermal shutdown. Boomer audio power amplifi-
ers are designed specifically to use few external compo-
nents and provide high quality output power in a surface
mount package.
Key Specifications
j Output power
(RL=16
Ω,V
DD = 3.0V, THD+N = 1%)
42mW (typ)
j Quiescent current (VDD = 3V)
1mA (typ)
j Micropower shutdown current
0.1µA (typ)
j Supply voltage operating range
1.5V < V
DD < 3.3V
j PSRR @ 1kHz, VDD = 3.0V
90dB (typ)
j PSRR @ 217Hz, VDD = 3.0V
100dB (typ)
Features
n
2-cell 1.5V to 3.3V battery operation
n
Unity-gain stable
n
“Click and pop” suppression circuitry for shutdown and
power on/off transient with headphone loads
n
Active low micro-power shutdown
n
Thermal shutdown protection circuitry
Applications
n
Portable two-cell audio products
n
Portable two-cell electronic devices
n
Portable MP3 player/recorders
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20142901
FIGURE 1. Block Diagram
July 2005
© 2005 National Semiconductor Corporation
DS201429
www.national.com


Similar Part No. - LM4980

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4981 NSC-LM4981 Datasheet
1Mb / 18P
Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
LM4981SQ NSC-LM4981SQ Datasheet
1Mb / 18P
Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4982TL NSC-LM4982TL Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4980

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
Low-Voltage Headphone Amplifier for Stereo Audio
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
HIGH FIDELITY HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
TPA6120A2 High Fidelity Headphone Amplifier
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
High Fidelity Headphone Amplifier
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
High Fidelity, Low Power, Integrated Stereo Audio Amplifier
Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com