Electronic Components Datasheet Search
  English  ▼

X  

LM4980 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4980
Description  2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4980 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4980 Datasheet HTML 10Page - National Semiconductor (TI) LM4980 Datasheet HTML 11Page - National Semiconductor (TI) LM4980 Datasheet HTML 12Page - National Semiconductor (TI) LM4980 Datasheet HTML 13Page - National Semiconductor (TI) LM4980 Datasheet HTML 14Page - National Semiconductor (TI) LM4980 Datasheet HTML 15Page - National Semiconductor (TI) LM4980 Datasheet HTML 16Page - National Semiconductor (TI) LM4980 Datasheet HTML 17Page - National Semiconductor (TI) LM4980 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application Information (Continued)
tivating shutdown. As C
COUPLING’s value increases, output
transient magnitude can also increase. This increase can be
mitigated by a corresponding increase in C
MIDCAP’s value. A
minimum starting point when selecting C
MIDCAP’s value is
6.8µF when using 220µF output coupling capacitors.
SELECTING THE INPUT CAPACITOR VALUE
Amplifiying the lowest audio frequencies requires a relatively
high value input coupling capacitor, (C
IN in Figure 2). A high
value capacitor can be expensive and may compromise
space efficiency in portable designs. In many cases, how-
ever, the headphones used in portable systems have limited
ability to reproduce signals below 60Hz. Applications using
headphones with this limited frequency response reap little
improvement by using a high value input capacitor. A small
value of Ci (in the range of 0.1µF to 1.0µF), is recommended.
DRIVING POWERED SPEAKERS
Though the LM4980 is design primarily to drive headphones,
in many cases, it may be called on to act as a line level driver
when powered speakers or other devices may be connected
to the amplifier outputs. For powered speakers or other
devices with typical input resistances (10k
Ω) that are signifi-
cantly higher than the typical headphone resistance (32
Ω),
the output transients may not sufficiently suppressed when
using the Figure 2 circuit. If this is anticipated, a minor
modification of an additional resistor (a nominal value of
1k
Ω) between each output and ground in the Figure 2 circuit
is needed to ensure that the output transient suppression is
not compromised. This reduces both the load resistance
seen by the LM4980 and the magnitude of power-on and
shutdown output transients.
POWER DISSIPATION
Power dissipation has to be evaluated and considered when
designing a successful amplifier. A direct consequence of the
power delivered to a load an amplifier is internal power
dissipation. The maximum per-amplifier power dissipation
for a given application can be derived from the power dissi-
pation graphs or from Equation 2.
PDMAX = V
DD
2 / 2
πR
LOAD
(2)
It is critical that the maximum junction temperature T
JMAX of
150˚C is not exceeded. Since the typical application is for
headphone operation (16
Ω impedance) using a 3.0V supply
the maximum power dissipation is less than 29mW. There-
fore, in the case of this headphone amplifier, the power
dissipation is not a major concern.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is important
for low noise performance and high power supply rejection.
The capacitor location on the power supply pins should be
as close to the device as possible. Typical applications em-
ploy a 3.0V regulator with 10µF tantalum or electrolytic ca-
pacitor and a ceramic bypass capacitor which aid in supply
stability. This does not eliminate the need for local power
supply bypassing connected as close as possible to the
LM4980’s supply pin. A power supply bypass capacitor value
in the range of 1.0µF to 10µF is recommended.
MICRO POWER SHUTDOWN
The voltage applied to the shutdown (SHDN) pin controls the
LM4980’s shutdown function. Activate micro-power shut-
down by applying a logic-low voltage to the SHDN pin. When
active, the LM4980’s micro-power shutdown feature turns off
the amplifier’s bias circuitry, reducing the supply current. The
trigger point is 0.4V (max) for a logic-low level, and 1.4V
(min) for a logic-high level. The low 0.1µA (typ) shutdown
current is achieved by applying a voltage that is as near as
ground as possible to the SHDN pin. A voltage that is higher
than ground may increase the shutdown current.
There are a few ways to control the micro-power shutdown.
These include using a single-pole, single-throw switch, a
microprocessor, or a microcontroller. When using a switch,
connect an external 100k
Ω pull-up resistor between the
SHDN pin and GND. Connect the switch between the SHDN
pin and V
DD. Select normal amplifier operation by closing the
switch. Opening the switch connects the SHDN pin to
ground, activating micro-power shutdown. The switch and
resistor guarantee that the SHDN pin will not float. This
prevents unwanted state changes. In a system with a micro-
processor or microcontroller, use a digital output to apply the
control voltage to the SHDN pin. Driving the SHDN pin with
active circuitry eliminates the pull-up resistor.
SUGGESTED PCB SCHEMATIC
Figure 5 is the schematic for the suggested PCB Layout.
This schematic and its associated PCB provide both a lean
tested layout and platform that can be used to verify the
LM4980’s outstanding audio performance.
Suggested PCB Design and Layout
Figures 6 through 9 show a suggested PCB layout for a
headphone amplifier circuit using the LM4980 .
PCB Layout Guidelines
This section provides practical guidelines for mixed signal
PCB layout that involves various digital/analog power and
ground traces. Designers should note that these are only
"rule-of-thumb" recommendations and the actual results will
depend heavily on the final layout.
MINIMIZING THD+N
PCB trace impedance on the power, ground, and all output
traces should be minimized to achieve optimal THD perfor-
mance. Therefore, use PCB traces that are as wide as
possible for these connections. As the gain of the amplifier is
increased, the trace impedance will have an ever increasing
adverse affect on THD performance. At unity-gain (0dB) the
parasitic trace impedance effect on THD performance is
reduced but still a negative factor in the THD performance of
the LM4980 in a given application.
GENERAL MIXED SIGNAL LAYOUT
RECOMMENDATION
Power and Ground Circuits
For two layer mixed signal design, it is important to isolate
the digital power and ground trace paths from the analog
power and ground trace paths. Star trace routing techniques
(bringing individual traces back to a central point rather than
daisy chaining traces together in a serial manner) can
greatly enhance low level signal performance. Star trace
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com