Electronic Components Datasheet Search
  English  ▼

X  

AD9878BST Datasheet(PDF) 7 Page - Analog Devices

Part # AD9878BST
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878BST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9878BST Datasheet HTML 3Page - Analog Devices AD9878BST Datasheet HTML 4Page - Analog Devices AD9878BST Datasheet HTML 5Page - Analog Devices AD9878BST Datasheet HTML 6Page - Analog Devices AD9878BST Datasheet HTML 7Page - Analog Devices AD9878BST Datasheet HTML 8Page - Analog Devices AD9878BST Datasheet HTML 9Page - Analog Devices AD9878BST Datasheet HTML 10Page - Analog Devices AD9878BST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD9878
Rev. A | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Power Supply (VAVDD, VDVDD, VDRVDD)
3.9 V
Digital Output Current
5 mA
Digital Inputs
−0.3 V to VDRVDD + 0.3 V
Analog Inputs
−0.3 V to VAVDD + 0.3 V
Operating Temperature
−40°C to +85°C
Maximum Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I. Devices are 100% production tested at 25°C and guaranteed
by design and characterization testing for extended industrial
operating temperature range (−40°C to +85°C).
II. Parameter is guaranteed by design and/or characterization
testing.
III. Parameter is a typical value only.
N/A. Test level definition is not applicable.
THERMAL CHARACTERISTICS
Thermal resistance of 100-lead LQFP: θJA = 40.5°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com