Electronic Components Datasheet Search
  English  ▼

X  

AD9878BST Datasheet(PDF) 11 Page - Analog Devices

Part # AD9878BST
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878BST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9878BST Datasheet HTML 7Page - Analog Devices AD9878BST Datasheet HTML 8Page - Analog Devices AD9878BST Datasheet HTML 9Page - Analog Devices AD9878BST Datasheet HTML 10Page - Analog Devices AD9878BST Datasheet HTML 11Page - Analog Devices AD9878BST Datasheet HTML 12Page - Analog Devices AD9878BST Datasheet HTML 13Page - Analog Devices AD9878BST Datasheet HTML 14Page - Analog Devices AD9878BST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9878
Rev. A | Page 11 of 36
FREQUENCY (MHz)
0
20
406080
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
120
Figure 9. Single Sideband @ 42 MHz, fC = 43 MHz,
f = 1 MHz, RSET = 10 kΩ (IOUT = 4 mA), RBW = 2 kHz
FREQUENCY (MHz)
0
20
406080
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
120
Figure 10. Single Sideband @ 42 MHz, fC = 43 MHz,
f = 1 MHz, RSET = 4 kΩ (IOUT = 10 mA), RBW = 2 kHz
FREQUENCY (MHz)
0
20
406080
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
120
Figure 11. Single Sideband @ 5 MHz, fC = 6 MHz,
f = 1 MHz, RSET = 10 kΩ (IOUT = 4 mA), RBW = 2 kHz
FREQUENCY (MHz)
0
20406080
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
120
Figure 12. Single Sideband @ 5 MHz, fC = 6 MHz,
f = 1 MHz, RSET = 4 kΩ (IOUT = 10 mA), RBW = 2 kHz
FREQUENCY (MHz)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2.5
Figure 13. Single Sideband @ 65 MHz, fC = 66 MHz,
f = 1 MHz, RSET = 10 kΩ (IOUT = 4 mA), RBW = 500 Hz
FREQUENCY (MHz)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2.5
Figure 14. Single Sideband @ 65 MHz, fC = 66 MHz,
f = 1 MHz, RSET = 4 kΩ (IOUT = 10 mA), RBW = 500 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com