Electronic Components Datasheet Search
  English  ▼

X  

TL70 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Multicolor RGB Tower Light Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Housing Color
Housing
Colors
TL70 Segment
Blank = Black
C = Gray
RGB14
SG-TL70
For more information regarding TL70 Multicolor RGB Tower Light final assemblies, including wiring diagrams, refer to the following documents:
• TL70 Modular Tower Light datasheet (p/n 182214)
• TL70 Wireless Modular Tower Light datasheet (p/n 185469)
• TL70 Modular Tower Light AC voltage datasheet (p/n 191349)
Configuring the Module
Turn on the appropriate DIP switch to set the order of the components, counting up from the tower light's base. Factory default DIP position is OFF.
Assembly Options
Black DIP Switch
1B
2B
3B
4B
5B
6B
7B
8B
Color Selection
Red
ON
Green
ON
Yellow
ON
ON
Blue
ON
Magenta
ON
ON
Cyan
ON
ON
White
ON
ON
ON
Amber
ON
Rose
ON
ON
Lime Green
ON
ON
Orange
ON
ON
ON
Sky Blue
ON
ON
Violet
ON
ON
ON
Spring Green
ON
ON
ON
Color Demo
Flash Demo
ON
ON
ON
ON
Flashing and
Strobing
Solid On
0.5 Hz Flash
ON
1.5 Hz Flash
ON
3.0 Hz Flash
ON
ON
0 .5 Hz Strobe
ON
1.5 Hz Strobe
ON
ON
3.0 Hz Strobe
ON
ON
Intensity Sweep
ON
ON
ON
Intensity
High
Low
ON
TL70 Multicolor RGB Tower Light Module
Original Document
202345 Rev. A
2 January 2018
202345


Similar Part No. - TL70

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
304Kb / 3P
TL70 Programmable Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
677Kb / 7P
TL70 Wireless Communication Segment
TL70 BANNER-TL70 Datasheet
118Kb / 2P
TL70 Multicolor Tower Light Module
TL70 BANNER-TL70 Datasheet
382Kb / 4P
TL70 Modular Tower Light
More results

Similar Description - TL70

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V05 Datasheet
304Kb / 3P
TL70 Programmable Audible Tower Light Module
TL70 BANNER-TL70_V02 Datasheet
118Kb / 2P
TL70 Multicolor Tower Light Module
TL70 BANNER-TL70_V01 Datasheet
382Kb / 4P
TL70 Modular Tower Light
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com