Electronic Components Datasheet Search
  English  ▼

X  

TL50Z Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # TL50Z
Description  TL50Z Universal AC Voltage Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50Z Datasheet(HTML) 4 Page - Banner Engineering Corp.

  TL50Z Datasheet HTML 1Page - Banner Engineering Corp. TL50Z Datasheet HTML 2Page - Banner Engineering Corp. TL50Z Datasheet HTML 3Page - Banner Engineering Corp. TL50Z Datasheet HTML 4Page - Banner Engineering Corp. TL50Z Datasheet HTML 5Page - Banner Engineering Corp. TL50Z Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Accessories
Cordsets
4-Pin Micro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQAC2-406
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
4
1
2
3
1 = Brown
2 = Blue
3 = Black
4 = White
MQAC2-415
4.57 m (15 ft)
MQAC2-430
9.14 m (30 ft)
5-Pin Micro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQAC2-506
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
3
2
5
1
4
1 = Brown
2 = Blue
3 = White
4 = Black
5 = Gray
MQAC2-515
4.57 m (15 ft)
MQAC2-530
9.14 m (30 ft)
Mounting Brackets
All measurements are listed in millimeters [inches], unless noted otherwise.
SMB30A
•
Right-angle bracket with curved
slot for versatile orientation
•
Clearance for M6 (¼ in)
hardware
•
Mounting hole for 30 mm sensor
•
12-ga. stainless steel
45
61
69
A
B
C
Hole center spacing: A to B=40
Hole size: A=ø 6.3, B= 27.1 x 6.3, C=ø 30.5
SMB30FA
•
Swivel bracket with tilt and pan
movement for precise
adjustment
•
Mounting hole for 30 mm sensor
•
12-ga. 304 stainless steel
•
Easy sensor mounting to
extrude rail T-slot
•
Metric and inch size bolt
available
A
B
68.9
36.3
83.2
Bolt thread: SMB30FA, A= 3/8 - 16 x 2 in; SMB30FAM10, A= M10 - 1.5 x 50
Hole size: B= ø 30.1
SMB30MM
•
12-ga. stainless steel bracket
with curved mounting slots for
versatile orientation
•
Clearance for M6 (¼ in)
hardware
•
Mounting hole for 30 mm sensor
70
57
A
B
C
57
Hole center spacing: A = 51, A to B = 25.4
Hole size: A = 42.6 x 7, B = ø 6.4, C = ø 30.1
SMBAMS30P
•
Flat SMBAMS series bracket
•
30 mm hole for mounting
sensors
•
Articulation slots for 90°+
rotation
•
12-ga. 300 series stainless steel
45
93
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
TL50Z Universal AC Voltage Tower Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 169421 Rev. J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com