Electronic Components Datasheet Search
  English  ▼

X  

TL50Z Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # TL50Z
Description  TL50Z Universal AC Voltage Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50Z Datasheet(HTML) 3 Page - Banner Engineering Corp.

  TL50Z Datasheet HTML 1Page - Banner Engineering Corp. TL50Z Datasheet HTML 2Page - Banner Engineering Corp. TL50Z Datasheet HTML 3Page - Banner Engineering Corp. TL50Z Datasheet HTML 4Page - Banner Engineering Corp. TL50Z Datasheet HTML 5Page - Banner Engineering Corp. TL50Z Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Input Response Time
Indicator On/Off: 500 milliseconds maximum
Leakage Current Immunity
500 µA
Application Note: The use of relay output PLC is recommended since there
is no leakage current. Solid state output PLCs often have leakage current
above 1 mA and, therefore, turn the light on in the off state. To counteract
the leakage current, a shunt resistor must be used. A resistor must be
applied from the neutral wire of the device to the hot wire of each channel of
the device.
Audible Alarm
Standard Audible Alarm: 2.7 kHz ± 500 Hz oscillation frequency; maximum
intensity 92 dB at 1 m (3.3 ft) (typical)
Standard Audible Alarm: 2.7 kHz ± 500 Hz oscillation frequency; maximum
intensity 92 dB at 1 m (3.3 ft) typical)
Omni-Directional Sealed Audible Alarm: 2.1 kHz ± 250 Hz oscillation
frequency; maximum intensity 99 dB at 1 m (3.3 ft) (typical)
Omni-Directional Sealed Audible Alarm with Intensity Adjustment: 2.1 kHz
± 250 Hz oscillation frequency; maximum intensity 95 dB at 1 m (3.3 ft)
(typical)
Typical Reduction in Sound Intensity with Audible Adjustment (maximum to
minimum)
•
Standard Audible: 30 dB
•
Sealed Audible: 20 dB
•
Omni-Directional Sealed Audible: 12 dB
Indicators
LEDs are independently selected; 1 to 5 colors depending on model
Indicator Characteristics
Color
Dominant Wavelength
(nm) or Color
Temperature (CCT)
Color
Coordinates4
Lumen
Output
(Typical at
25 °C)
x
y
Green
528 nm
–
–
23.0
Red
625 nm
–
–
7.5
Yellow
590 nm
–
–
5.0
Blue
470 nm
–
–
4.0
Orange
608 nm
–
–
15.5
White
6000 K
–
–
21.0
Turquoise
–
0.19
0.37
5.5
Violet
–
0.20
0.08
2.5
Magenta
–
0.35
0.15
3.0
Sky Blue
–
0.19
0.26
12.0
Audible Adjustment
Standard Audible Alarm: Unscrew the cover (up to 1.5 turns maximum) to
adjust the audible intensity. (Do not exceed 1.5 turns or the cover may
detach during operation.) For maximum intensity, rotate the center plug
180° counterclockwise to remove it.
Sealed Audible Alarm and Omni-Directional Sealed Audible Alarm with
Intensity Adjustment: Rotate the front cover until the desired intensity is
reached.
Omni-Directional Sealed Audible Alarm: No adjustment.
Operating Conditions
Non-Audible: –40 °C to +50 °C (–40 °F to +122 °F)
Standard and Sealed Audible: –20 °C to +50 °C (–4 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
UL Type 4X Indoor and UL Type 13
Non-Audible and Sealed Audible: IEC IP67
Standard Audible: IEC IP50
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
M30 x 1.5
45
[1.77]
19
[0.75]
Ø50
[1.97]
4x 26.9
[1.06]
1/2-14 NPSM
H
# of
Colors
Tower Height (H)
Non-Audible
Standard Audible*
Sealed Audible
Omni-Directional
Sealed Audible
1
130.2 mm (5.1 in)
161.0 mm (6.3 in)
184.1 mm (7.2 in)
198.1 mm (7.8 in)
2
170.9 mm (6.7 in)
201.7 mm (7.9 in)
224.8 mm (8.9 in)
238.8 mm (9.4 in)
3
211.6 mm (8.3 in)
242.4 mm (9.5 in)
265.5 mm (10.5 in)
279.5 mm (11.0 in)
4
252.3 mm (9.9 in)
283.1 mm (11.1 in)
306.2 mm (12.1 in)
320.2 mm (12.6 in)
5
293.0 mm (11.5 in)
-
-
-
* Tower height (H) with top unscrewed approximately 3.5 mm to allow sound to escape
All measurements are listed in millimeters [inches], unless noted otherwise.
4 Refer to CIE 1931 chromaticity diagram or color chart, to show equivalent color with indicated color coordinates.
TL50Z Universal AC Voltage Tower Light
P/N 169421 Rev. J
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com