Electronic Components Datasheet Search
  English  ▼

X  

S-8244 Datasheet(PDF) 13 Page - ABLIC Inc.

Part # S-8244
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8244 Datasheet(HTML) 13 Page - ABLIC Inc.

Back Button S-8244 Datasheet HTML 9Page - ABLIC Inc. S-8244 Datasheet HTML 10Page - ABLIC Inc. S-8244 Datasheet HTML 11Page - ABLIC Inc. S-8244 Datasheet HTML 12Page - ABLIC Inc. S-8244 Datasheet HTML 13Page - ABLIC Inc. S-8244 Datasheet HTML 14Page - ABLIC Inc. S-8244 Datasheet HTML 15Page - ABLIC Inc. S-8244 Datasheet HTML 16Page - ABLIC Inc. S-8244 Datasheet HTML 17Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
S-8244 Series
13
Operation
Remark
Refer to “  Battery Protection IC Connection Example”.
1. Overcharge Detection
• Product with CMOS output active “H”, Nch open drain output active “H”
During charging in the normal status, the voltage of one of the batteries exceeds overcharge detection voltage
(VCU), and this status is maintained for overcharge detection delay time (tCU) or longer, CO gets “H”. This is
overcharge status. Connecting a FET to the CO pin enables charge-control and the second protect.
In this case, the IC maintains the overcharge status until the voltage of each of the batteries decreases, to the
overcharge hysteresis voltage (VCD) from the overcharge detection voltage (VCU).
• Product with CMOS output active “L”, Nch open drain output active “L”, Pch open drain output active “L”
During charging in the normal status, the voltage of one of the batteries exceeds overcharge detection voltage
(VCU), and this status is maintained for overcharge detection delay time (tCU) or longer, CO gets “L”. This is
overcharge status. Connecting a FET to the CO pin enables charge-control and the second protect.
In this case, the IC maintains the overcharge status until the voltage of each of the batteries decreases, to the
overcharge hysteresis voltage (VCD) from the overcharge detection voltage (VCU).
2. Delay Circuit
The delay circuit rapidly charges the capacitor connected to the delay capacitor connection pin up to a specified
voltage when the voltage of one of the batteries exceeds the overcharge detection voltage (VCU). Then, the delay
circuit gradually discharges the capacitor at 100 nA and inverts the CO output when the voltage at the delay
capacitor connection pin goes below a specified level. Overcharge detection delay time (tCU) varies depending
upon the external capacitor.
Each delay time is calculated using the following equation.
Min. Typ. Max.
tCU[s] = Delay Coefficient (10,
15,
20)
× CICT [μF]
Because the delay capacitor is rapidly charged, the smaller the capacitance, the larger the difference between the
maximum voltage and the specified value of delay capacitor pin (ICT pin). This will cause a deviation between the
calculated delay time and the resultant delay time. Also, delay time is internally set in this IC to prevent the CO
output from inverting until the charge to delay capacitor pin is reached to the specified voltage.
If large
capacitance is used, output may be enabled without delay time because charge is disabled within the internal delay
time.
Please note that the maximum capacitance connected to the delay capacitor pin (ICT pin) is 1
μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com